Electronic Components Datasheet Search
  English  ▼

X  

PM5357 Datasheet(PDF) 41 Page - PMC-Sierra, Inc

Part # PM5357
Description  SATURN USER NETWORK INTERFACE (622-POS)
PDF  432 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5357 Datasheet(HTML) 41 Page - PMC-Sierra, Inc

Back Button PM5357 Datasheet HTML 37Page - PMC-Sierra, Inc PM5357 Datasheet HTML 38Page - PMC-Sierra, Inc PM5357 Datasheet HTML 39Page - PMC-Sierra, Inc PM5357 Datasheet HTML 40Page - PMC-Sierra, Inc PM5357 Datasheet HTML 41Page - PMC-Sierra, Inc PM5357 Datasheet HTML 42Page - PMC-Sierra, Inc PM5357 Datasheet HTML 43Page - PMC-Sierra, Inc PM5357 Datasheet HTML 44Page - PMC-Sierra, Inc PM5357 Datasheet HTML 45Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 432 page
background image
PRODUCTION
S/UNI-622-POS
PMC-Sierra, Inc.
PM5357
S/UNI-622-POS
DATASHEET
PMC-1980911
ISSUE 5
SATURN USER NETWORK INTERFACE (622-POS)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE
36
Pin Name
Type
Pin
No.
Function
TFPI
Input
A21
The active high framing position (TFPI) signal is an 8
kHz timing marker for the transmitter. TFPI is used to
align the SONET/SDH transport frame generated by
the S/UNI-622-POS device to a system reference.
TFPI should be brought high for a single TCLK period
every 9720 TCLK cycles or a multiple thereof. TFPI
must be tied low if such synchronization is not
required.
TFPI is sampled on the rising edge of TCLK.
APS[0]
APS[1]
APS[2]
APS[3]
APS[4]
I/O
A19
C18
B18
D17
C17
The APS Port bus (APS[4:0]) is a bi-directional
control bus that can be used to implement a 1+1 APS
system. When the APSPOE register bit is set low, the
APS[4:0] bus is an input. Data on this bus is used by
TPOP to generate the path RDI and path FEBE.
When the APSPOE register bit is set high, the
APS[4:0] bus is an output with data generated by
RPOP.
APS[0]
FEBE Clock (576 kHz)
APS[1]
FEBE Data
APS[2]
RDI[0] (G1 bit 5)
APS[3]
RDI[1] (G1 bit 6)
APS[4]
RDI[2] (G1 bit 7)
See the Operation section for more discussion of 1+1
APS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com