Electronic Components Datasheet Search
  English  ▼

X  

PM5357 Datasheet(PDF) 60 Page - PMC-Sierra, Inc

Part # PM5357
Description  SATURN USER NETWORK INTERFACE (622-POS)
PDF  432 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5357 Datasheet(HTML) 60 Page - PMC-Sierra, Inc

Back Button PM5357 Datasheet HTML 56Page - PMC-Sierra, Inc PM5357 Datasheet HTML 57Page - PMC-Sierra, Inc PM5357 Datasheet HTML 58Page - PMC-Sierra, Inc PM5357 Datasheet HTML 59Page - PMC-Sierra, Inc PM5357 Datasheet HTML 60Page - PMC-Sierra, Inc PM5357 Datasheet HTML 61Page - PMC-Sierra, Inc PM5357 Datasheet HTML 62Page - PMC-Sierra, Inc PM5357 Datasheet HTML 63Page - PMC-Sierra, Inc PM5357 Datasheet HTML 64Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 432 page
background image
PRODUCTION
S/UNI-622-POS
PMC-Sierra, Inc.
PM5357
S/UNI-622-POS
DATASHEET
PMC-1980911
ISSUE 5
SATURN USER NETWORK INTERFACE (622-POS)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE
55
9.7
JTAG Test Access Port (TAP) Signals
Pin Name
Type
Pin
No.
Function
TCK
Input
A9
The test clock (TCK) signal provides clock timing for
test operations that are carried out using the IEEE
P1149.1 test access port.
TMS
Input
D10
The test mode select (TMS) signal controls the test
operations that are carried out using the IEEE
P1149.1 test access port. TMS is sampled on the
rising edge of TCK. TMS has an integral pull-up
resistor.
TDI
Input
C10
The test data input (TDI) signal carries test data into
the S/UNI-622-POS via the IEEE P1149.1 test access
port. TDI is sampled on the rising edge of TCK. TDI
has an integral pull-up resistor.
TDO
Output
C9
The test data output (TDO) signal carries test data
out of the S/UNI-622-POS via the IEEE P1149.1 test
access port. TDO is updated on the falling edge of
TCK. TDO is a tristate output which is inactive except
when shifting boundary scan data is in progress.
TRSTB
Input
B9
The active-low test reset (TRSTB) signal provides an
asynchronous S/UNI-622-POS test access port reset
via the IEEE P1149.1 test access port. TRSTB is a
Schmitt triggered input with an integral pull-up
resistor.
Note that when not being used, TRSTB may be tied
low or connected to the RSTB input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com