Electronic Components Datasheet Search
  English  ▼

X  

PM5357 Datasheet(PDF) 49 Page - PMC-Sierra, Inc

Part # PM5357
Description  SATURN USER NETWORK INTERFACE (622-POS)
PDF  432 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5357 Datasheet(HTML) 49 Page - PMC-Sierra, Inc

Back Button PM5357 Datasheet HTML 45Page - PMC-Sierra, Inc PM5357 Datasheet HTML 46Page - PMC-Sierra, Inc PM5357 Datasheet HTML 47Page - PMC-Sierra, Inc PM5357 Datasheet HTML 48Page - PMC-Sierra, Inc PM5357 Datasheet HTML 49Page - PMC-Sierra, Inc PM5357 Datasheet HTML 50Page - PMC-Sierra, Inc PM5357 Datasheet HTML 51Page - PMC-Sierra, Inc PM5357 Datasheet HTML 52Page - PMC-Sierra, Inc PM5357 Datasheet HTML 53Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 432 page
background image
PRODUCTION
S/UNI-622-POS
PMC-Sierra, Inc.
PM5357
S/UNI-622-POS
DATASHEET
PMC-1980911
ISSUE 5
SATURN USER NETWORK INTERFACE (622-POS)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE
44
Pin Name
Type
Pin
No.
Function
TCA
The UTOPIA transmit cell available (TCA) signal
provides direct status indication of when cell space is
available in the transmit FIFO.
When set high, TCA indicates that the corresponding
transmit FIFO is not full and a complete cell may be
written. TCA is set low to either indicate that the
transmit FIFO is near full or that the transmit FIFO is
full. To reduce FIFO latency, the FIFO depth at which
TCA indicates "full" can be set to one, two, three or
four cells. Note that regardless of what fill level TCA
is set to indicate "full" at, the transmit cell processor
can store 4 complete cells.
In 16-bit Level 2 ATM mode, TCA will transition low
one TFCLK cycle after the payload word 19 or 23
(depending of the configuration in TXCP) is sampled
on the TDAT[15:0] bus.
In 8-bit Level 3 ATM mode, TCA will transition low on
the rising edge of TFCLK before the payload byte 45
is sampled on the TDAT[7:0] bus.
TCA is updated on the rising edge of TFCLK.
TPA
Output
L23
The POS-PHY transmit packet available (TPA) signal
provides direct status indication the fill status of the
transmit FIFO. Note that regardless of what fill level
TPA is set to indicate "full" at, the transmit packet
processor can store 256 bytes of data.
When TPA transitions high, it indicates that the
transmit FIFO has enough room to store a
configurable number of data bytes. This transition
level is selected in the TXFP registers.
When TPA transitions low, it indicates that the
transmit FIFO is either full or near full as specified by
the TXFP registers.
TPA is updated on the rising edge of TFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com