Electronic Components Datasheet Search
  English  ▼

X  

PM5357 Datasheet(PDF) 43 Page - PMC-Sierra, Inc

Part # PM5357
Description  SATURN USER NETWORK INTERFACE (622-POS)
PDF  432 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5357 Datasheet(HTML) 43 Page - PMC-Sierra, Inc

Back Button PM5357 Datasheet HTML 39Page - PMC-Sierra, Inc PM5357 Datasheet HTML 40Page - PMC-Sierra, Inc PM5357 Datasheet HTML 41Page - PMC-Sierra, Inc PM5357 Datasheet HTML 42Page - PMC-Sierra, Inc PM5357 Datasheet HTML 43Page - PMC-Sierra, Inc PM5357 Datasheet HTML 44Page - PMC-Sierra, Inc PM5357 Datasheet HTML 45Page - PMC-Sierra, Inc PM5357 Datasheet HTML 46Page - PMC-Sierra, Inc PM5357 Datasheet HTML 47Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 432 page
background image
PRODUCTION
S/UNI-622-POS
PMC-Sierra, Inc.
PM5357
S/UNI-622-POS
DATASHEET
PMC-1980911
ISSUE 5
SATURN USER NETWORK INTERFACE (622-POS)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE
38
9.5
ATM (UTOPIA) and Packet over SONET/SDH (POS) System Interface
Pin Name
Type
Pin
No.
Function
POS_
ATMB
Input
Y21
The physical layer select (POS_ATMB) pin selects
between the ATM and Packet over SONET/SDH
modes of operation.
When tied low, the device implements the ATM
physical layer. When tied high, the device
implements the Packet over SONET/SDH physical
layer.
This pin affects SONET/SDH mapping as well as the
pin definitions of the system interface bus and may be
overridden by software in the RUL3 and TUL3
registers.
SYSSEL
Input
AA23
The system interface select (SYSSEL) pin selects
between the 16-bit UTOPIA/POS-PHY Level 2 mode
and the 8-bit UTOPIA/POS-PHY Level 3 mode of the
system side interfaces for both ATM and Packet over
SONET/SDH operation.
When tied low, the 16-bit Level 2 mode is enabled.
When tied high, the 8-bit Level 3 mode is enabled.
This pin setting affects the pin definitions of the
system interface bus and may be overridden by
software in the RUL3 and TUL3 registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com