Electronic Components Datasheet Search
  English  ▼

X  

PM5357 Datasheet(PDF) 10 Page - PMC-Sierra, Inc

Part # PM5357
Description  SATURN USER NETWORK INTERFACE (622-POS)
PDF  432 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5357 Datasheet(HTML) 10 Page - PMC-Sierra, Inc

Back Button PM5357 Datasheet HTML 6Page - PMC-Sierra, Inc PM5357 Datasheet HTML 7Page - PMC-Sierra, Inc PM5357 Datasheet HTML 8Page - PMC-Sierra, Inc PM5357 Datasheet HTML 9Page - PMC-Sierra, Inc PM5357 Datasheet HTML 10Page - PMC-Sierra, Inc PM5357 Datasheet HTML 11Page - PMC-Sierra, Inc PM5357 Datasheet HTML 12Page - PMC-Sierra, Inc PM5357 Datasheet HTML 13Page - PMC-Sierra, Inc PM5357 Datasheet HTML 14Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 432 page
background image
PRODUCTION
S/UNI-622-POS
PMC-Sierra, Inc.
PM5357
S/UNI-622-POS
DATASHEET
PMC-1980911
ISSUE 5
SATURN USER NETWORK INTERFACE (622-POS)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE
5
FIGURE 29: PATH DIAGNOSTIC LOOPBACK MODE ............................................................................ 364
FIGURE 30: DATA DIAGNOSTIC LOOPBACK MODE ............................................................................ 365
FIGURE 31: 1+1 APS ARCHITECTURE .................................................................................................. 366
FIGURE 32: BOUNDARY SCAN ARCHITECTURE ................................................................................. 368
FIGURE 33: TAP CONTROLLER FINITE STATE MACHINE ................................................................... 369
FIGURE 34: POWER SUPPLY FILTERING AND DECOUPLING ............................................................ 375
FIGURE 35: POWER SUPPLY COMPONENT LAYOUT ......................................................................... 376
FIGURE 36: INTERFACING S/UNI-622-POS PECL PINS TO 3.3V DEVICES........................................ 377
FIGURE 37: INTERFACING S/UNI-622-POS PECL PINS TO 5.0V DEVICES........................................ 378
FIGURE 38: IN FRAME DECLARATION TIMING .................................................................................... 381
FIGURE 39: OUT OF FRAME DECLARATION TIMING .......................................................................... 382
FIGURE 40: PARALLEL TRANSMIT INTERFACE TIMING ..................................................................... 382
FIGURE 41: TRANSMIT UTOPIA LEVEL 2 SYSTEM INTERFACE TIMING ............................................ 383
FIGURE 42: RECEIVE UTOPIA LEVEL 2 SYSTEM INTERFACE TIMING............................................... 383
FIGURE 43: TRANSMIT UTOPIA LEVEL 3 SYSTEM INTERFACE TIMING ............................................ 384
FIGURE 44: RECEIVE UTOPIA LEVEL 3 SYSTEM INTERFACE TIMING............................................... 385
FIGURE 45: TRANSMIT POS LEVEL 2 SYSTEM INTERFACE TIMING ................................................. 386
FIGURE 46: RECEIVE POS LEVEL 2 SYSTEM INTERFACE TIMING .................................................... 387
FIGURE 47: TRANSMIT POS LEVEL 3 SYSTEM INTERFACE TIMING .................................................. 388
FIGURE 48: RECEIVE POS LEVEL 3 SYSTEM INTERFACE TIMING .................................................... 389
FIGURE 49: TRANSPORT OVERHEAD DATA LINK CLOCK AND DATA EXTRACTION........................ 390
FIGURE 50: TRANSPORT OVERHEAD DATA LINK CLOCK AND DATA INSERTION ........................... 391
FIGURE 51: MICROPROCESSOR INTERFACE READ TIMING............................................................. 396
FIGURE 52: MICROPROCESSOR INTERFACE WRITE TIMING ........................................................... 398
FIGURE 53: RSTB TIMING DIAGRAM .................................................................................................... 400
FIGURE 54: TRANSMIT PARALLEL LINE INTERFACE TIMING DIAGRAM........................................... 401
FIGURE 55: RECEIVE PARALLEL LINE INTERFACE TIMING DIAGRAM ............................................. 402
FIGURE 56: RECEIVE SERIAL LINE INTERFACE TIMING DIAGRAM .................................................. 403
FIGURE 57: TRANSMIT UTOPIA LEVEL 2 SYSTEM INTERFACE TIMING DIAGRAM.......................... 405
FIGURE 58: RECEIVE UTOPIA LEVEL 2 SYSTEM INTERFACE TIMING DIAGRAM ............................ 407
FIGURE 59: TRANSMIT UTOPIA LEVEL 3 SYSTEM INTERFACE TIMING DIAGRAM.......................... 409
FIGURE 60: RECEIVE UTOPIA LEVEL 3 SYSTEM INTERFACE TIMING DIAGRAM ............................ 410



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com