Electronic Components Datasheet Search
  English  ▼

X  

PM5357 Datasheet(PDF) 72 Page - PMC-Sierra, Inc

Part # PM5357
Description  SATURN USER NETWORK INTERFACE (622-POS)
PDF  432 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5357 Datasheet(HTML) 72 Page - PMC-Sierra, Inc

Back Button PM5357 Datasheet HTML 68Page - PMC-Sierra, Inc PM5357 Datasheet HTML 69Page - PMC-Sierra, Inc PM5357 Datasheet HTML 70Page - PMC-Sierra, Inc PM5357 Datasheet HTML 71Page - PMC-Sierra, Inc PM5357 Datasheet HTML 72Page - PMC-Sierra, Inc PM5357 Datasheet HTML 73Page - PMC-Sierra, Inc PM5357 Datasheet HTML 74Page - PMC-Sierra, Inc PM5357 Datasheet HTML 75Page - PMC-Sierra, Inc PM5357 Datasheet HTML 76Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 432 page
background image
PRODUCTION
S/UNI-622-POS
PMC-Sierra, Inc.
PM5357
S/UNI-622-POS
DATASHEET
PMC-1980911
ISSUE 5
SATURN USER NETWORK INTERFACE (622-POS)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE
67
Loss of Frame
The Loss of Frame Block monitors the in-frame / out-of-frame status of the
Framer Block. A loss of frame (LOF) is declared when an out-of-frame (OOF)
condition persists for 3 ms. The LOF is cleared when an in-frame condition
persists for a period of 3 ms. To provide for intermittent out-of-frame (or in-frame)
conditions, the 3 ms timer is not reset to zero until an in-frame (or out-of-frame)
condition persists for 3 ms. The LOF and OOF signals are optionally reported on
the RALRM output pin when enabled by the LOFEB and OOFEN Receive Alarm
Control Register bits.
10.3 Receive Line Overhead Processor (RLOP)
The Receive Line Overhead Processor (RLOP) provides line level alarm and
performance monitoring. In addition, it extracts the line data communication
channel from the line overhead and provides it serially on output RLD.
Line RDI Detect
The Line RDI Detect Block detects the presence of Line Remote Defect
Indication (LRDI) in the receive stream. Line RDI is declared when a 110 binary
pattern is detected in bits 6, 7, and 8 of the K2 byte, for three or five consecutive
frames. Line RDI is removed when any pattern other than 110 is detected in bits
6, 7, and 8 of the K2 byte for three or five consecutive frames. The LRDI signal
is optionally reported on the RALRM output pin when enabled by the LRDIEN
Receive Alarm Control Register bit.
Line AIS Detect
The Line AIS Block detects the presence of a Line Alarm Indication Signal (LAIS)
in the receive stream. Line AIS is declared when a 111 binary pattern is detected
in bits 6, 7, and 8 of the K2 byte, for three or five consecutive frames. Line AIS is
removed when any pattern other than 111 is detected in bits 6, 7, and 8 of the K2
byte for three or five consecutive frames. The LAIS signal is optionally reported
on the RALRM output pin when enabled by the LAISEN Receive Alarm Control
Register bit.
Data Link Extract Block
The Data Link Extract Block extracts the line data communication channel (bytes
D4 to D12) from the STS-12c/STM-4-4c stream. The extracted bytes are
serialized and output on the RLD output at a nominal 576 kbit/s rate. Timing for
downstream processing of the data communication channel is provided by the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com