Electronic Components Datasheet Search
  English  ▼

X  

PM5357 Datasheet(PDF) 71 Page - PMC-Sierra, Inc

Part # PM5357
Description  SATURN USER NETWORK INTERFACE (622-POS)
PDF  432 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5357 Datasheet(HTML) 71 Page - PMC-Sierra, Inc

Back Button PM5357 Datasheet HTML 67Page - PMC-Sierra, Inc PM5357 Datasheet HTML 68Page - PMC-Sierra, Inc PM5357 Datasheet HTML 69Page - PMC-Sierra, Inc PM5357 Datasheet HTML 70Page - PMC-Sierra, Inc PM5357 Datasheet HTML 71Page - PMC-Sierra, Inc PM5357 Datasheet HTML 72Page - PMC-Sierra, Inc PM5357 Datasheet HTML 73Page - PMC-Sierra, Inc PM5357 Datasheet HTML 74Page - PMC-Sierra, Inc PM5357 Datasheet HTML 75Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 432 page
background image
PRODUCTION
S/UNI-622-POS
PMC-Sierra, Inc.
PM5357
S/UNI-622-POS
DATASHEET
PMC-1980911
ISSUE 5
SATURN USER NETWORK INTERFACE (622-POS)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE
66
Descramble
The Descramble Block utilizes a frame synchronous descrambler to process the
receive stream. The generating polynomial is x7 + x6 + 1 and the sequence
length is 127. Details of the descrambling operation are provided in the
references. Note that the framing bytes (A1 and A2) and the trace/growth bytes
(J0/Z0) are not descrambled. A register bit is provided to disable the
descrambling operation.
Data Link Extract
The Data Link Extract Block extracts the section data communication channel
(bytes D1, D2, and D3) from the STS-12c/STM-4-4c stream. The extracted
bytes are serialized and output on signal RSD at a nominal 192 kbit/s rate.
Timing for downstream processing of the data communication channel is
provided by the RSDCLK signal that is also output by the Data Link Extract
Block. RSDCLK is derived from a 216 kHz clock that is gapped to yield an
average frequency of 192 kHz. RSD is updated with timing aligned to RSDCLK.
Error Monitor
The Error Monitor Block calculates the received section BIP-8 error detection
code (B1) based on the scrambled data of the complete STS-12c/STM-4-4c
frame. The section BIP-8 code is based on a bit interleaved parity calculation
using even parity. The calculated BIP-8 code is compared with the BIP-8 code
extracted from the B1 byte of the following frame. Differences indicate that a
section level bit error has occurred. Up to 64000 (8 x 8000) bit errors can be
detected per second. The Error Monitor Block accumulates these section level
bit errors in a 16-bit saturating counter that can be read via the microprocessor
interface. Circuitry is provided to latch this counter so that its value can be read
while simultaneously resetting the internal counter to 0 or 1, if appropriate, so
that a new period of accumulation can begin without loss of any events. It is
intended that this counter be polled at least once per second so as not to miss bit
error events.
Loss of Signal
The Loss of Signal Block monitors the scrambled data of the receive stream for
the absence of 1's or 0’s. When 20 ± 3 µs of all zeros patterns or all ones
patterns are detected, a loss of signal (LOS) is declared. Loss of signal is
cleared when two valid framing words are detected and during the intervening
time, no loss of signal condition is detected. The LOS signal is optionally
reported on the RALRM output pin when enabled by the LOSEN Receive Alarm
Control Register bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com