Electronic Components Datasheet Search
  English  ▼

X  

PM5357 Datasheet(PDF) 61 Page - PMC-Sierra, Inc

Part # PM5357
Description  SATURN USER NETWORK INTERFACE (622-POS)
PDF  432 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5357 Datasheet(HTML) 61 Page - PMC-Sierra, Inc

Back Button PM5357 Datasheet HTML 57Page - PMC-Sierra, Inc PM5357 Datasheet HTML 58Page - PMC-Sierra, Inc PM5357 Datasheet HTML 59Page - PMC-Sierra, Inc PM5357 Datasheet HTML 60Page - PMC-Sierra, Inc PM5357 Datasheet HTML 61Page - PMC-Sierra, Inc PM5357 Datasheet HTML 62Page - PMC-Sierra, Inc PM5357 Datasheet HTML 63Page - PMC-Sierra, Inc PM5357 Datasheet HTML 64Page - PMC-Sierra, Inc PM5357 Datasheet HTML 65Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 432 page
background image
PRODUCTION
S/UNI-622-POS
PMC-Sierra, Inc.
PM5357
S/UNI-622-POS
DATASHEET
PMC-1980911
ISSUE 5
SATURN USER NETWORK INTERFACE (622-POS)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE
56
9.8
Analog Signals
Pin Name
Type
Pin
No.
Function
TDREF0
TDREF1
Analog
K1
K2
The transmit data reference (TDREF0 and TDREF1)
analog pins are provided to create calibrated currents
for the PECL output transceivers TXD+/-. A 2.00K
ohm resistor is connected across the TDREF0 and
TDREF1 pins.
C0
C1
Analog
P3
P2
The analog C1 and C0 pins are provided for
applications that must meet SONET/SDH jitter
transfer specifications. A 47nF non-polarized
capacitor (ceramic ± 5% X7R or equivalent) is
attached across C1 and C0 for these applications.
When the capacitor is used, the RTYPE bit in the
CRSI must be set to logic one for proper operation.
When the capacitor is not used, these pins are left
floating and the RTYPE register bit in the CRSI must
be set to logic zero for proper operation.
ATP[0]
ATP[1]
Analog
E2
F3
The receive and transmit analog test ports (ATP[1:0]).
These pins are used for manufacturing testing only
and should be tied to analog ground (AVS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com