Electronic Components Datasheet Search
  English  ▼

X  

PM5357 Datasheet(PDF) 91 Page - PMC-Sierra, Inc

Part # PM5357
Description  SATURN USER NETWORK INTERFACE (622-POS)
PDF  432 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5357 Datasheet(HTML) 91 Page - PMC-Sierra, Inc

Back Button PM5357 Datasheet HTML 87Page - PMC-Sierra, Inc PM5357 Datasheet HTML 88Page - PMC-Sierra, Inc PM5357 Datasheet HTML 89Page - PMC-Sierra, Inc PM5357 Datasheet HTML 90Page - PMC-Sierra, Inc PM5357 Datasheet HTML 91Page - PMC-Sierra, Inc PM5357 Datasheet HTML 92Page - PMC-Sierra, Inc PM5357 Datasheet HTML 93Page - PMC-Sierra, Inc PM5357 Datasheet HTML 94Page - PMC-Sierra, Inc PM5357 Datasheet HTML 95Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 432 page
background image
PRODUCTION
S/UNI-622-POS
PMC-Sierra, Inc.
PM5357
S/UNI-622-POS
DATASHEET
PMC-1980911
ISSUE 5
SATURN USER NETWORK INTERFACE (622-POS)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE
86
byte position, and the pointer value is incremented by one. Positive pointer
movements may be inserted once per frame for diagnostic purposes.
(4) Negative pointer movements may be generated using a bit in an internal
register. A negative pointer movement is generated by inverting the five D-bits of
the pointer word. The SPE is inserted during the negative stuff opportunity byte
position, the H3 byte, and the pointer value is decremented by one. Negative
pointer movements may be inserted once per frame for diagnostic purposes.
The pointer value is used to insert the path overhead into the transmit stream.
The current pointer value may be read via internal registers.
BIP-8 Calculate
The BIP-8 Calculate Block performs a path bit interleaved parity calculation on
the SPE of the transmit stream. Details are provided in the references. The
resulting parity byte is inserted in the path BIP-8 (B3) byte position of the
subsequent frame. BIP-8 errors may be continuously inserted under register
control for diagnostic purposes.
FEBE Calculate
The FEBE Calculate Block accumulates far end block errors on a per frame
basis, and inserts the accumulated value (up to maximum value of eight) in the
FEBE bit positions of the path status (G1) byte. The FEBE information is derived
from path BIP-8 errors detected by the receive path overhead processor, RPOP.
Far end block errors may be inserted under register control for diagnostic
purposes.
10.12 Transmit ATM Cell Processor (TXCP)
The Transmit ATM Cell Processor (TXCP) provides rate adaptation via
idle/unassigned cell insertion, provides HCS generation and insertion, and
performs ATM cell scrambling. The TXCP contains a four cell transmit FIFO. An
idle or unassigned cell is transmitted if a complete ATM cell has not been written
into the FIFO.
Transmit FIFO
The Transmit FIFO is responsible for holding cell provided through the Transmit
System Interface until they are transmitted. The transmit FIFO can
accommodate a maximum of 4 cells. The cells are written in with a single 16 bit
data bus running off TFCLK and are read out using the SONET/SDH clock.
Internal read and write pointers track the cells and indicate the fill status of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com