Electronic Components Datasheet Search
  English  ▼

X  

PM5357 Datasheet(PDF) 97 Page - PMC-Sierra, Inc

Part # PM5357
Description  SATURN USER NETWORK INTERFACE (622-POS)
PDF  432 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5357 Datasheet(HTML) 97 Page - PMC-Sierra, Inc

Back Button PM5357 Datasheet HTML 93Page - PMC-Sierra, Inc PM5357 Datasheet HTML 94Page - PMC-Sierra, Inc PM5357 Datasheet HTML 95Page - PMC-Sierra, Inc PM5357 Datasheet HTML 96Page - PMC-Sierra, Inc PM5357 Datasheet HTML 97Page - PMC-Sierra, Inc PM5357 Datasheet HTML 98Page - PMC-Sierra, Inc PM5357 Datasheet HTML 99Page - PMC-Sierra, Inc PM5357 Datasheet HTML 100Page - PMC-Sierra, Inc PM5357 Datasheet HTML 101Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 432 page
background image
PRODUCTION
S/UNI-622-POS
PMC-Sierra, Inc.
PM5357
S/UNI-622-POS
DATASHEET
PMC-1980911
ISSUE 5
SATURN USER NETWORK INTERFACE (622-POS)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE
92
persistency check) does not match the expected C2 byte (previously downloaded
by the microprocessor).
The OBR mismatch mechanism follows the table below:
Table 5: OBR Mismatch Mechanism
Expect
Receive
Action
00
00
Match
00
01
Mismatch
00
XX
Mismatch
01
00
Mismatch
01
01
Match
01
XX
Match
XX
00
Mismatch
XX
01
Match
XX
XX
Match
XX
YY
Mismatch
Note: XX, YY are equal to anything except 00H or 01H and are not equal to each
other.
Transmit Trace Buffer
The Trace Transmit Buffer (TTB) sources the 16-byte or 64-byte trace identifier
message. The TTB contains one page of transmit trace identifier message
memory. Identifier message data bytes are written by the microprocessor into
the message buffer and inserted in the transmit stream. When the
microprocessor is updating the transmit page buffer, the TTB may be
programmed to transmit null characters to prevent transmission of partial
messages.
10.15 SONET/SDH Section Trace Buffer (SSTB)
The SONET/SDH Section Trace Buffer (SSTB) block can handle both 64-byte
CLLI messages in SONET and 16-byte E.164 messages in SDH. This block
operates similarly to the SONET/SDH Path Trace Buffer (SPTB) except the C2
byte is also processed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com