Electronic Components Datasheet Search
  English  ▼

X  

PM5357 Datasheet(PDF) 45 Page - PMC-Sierra, Inc

Part # PM5357
Description  SATURN USER NETWORK INTERFACE (622-POS)
PDF  432 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5357 Datasheet(HTML) 45 Page - PMC-Sierra, Inc

Back Button PM5357 Datasheet HTML 41Page - PMC-Sierra, Inc PM5357 Datasheet HTML 42Page - PMC-Sierra, Inc PM5357 Datasheet HTML 43Page - PMC-Sierra, Inc PM5357 Datasheet HTML 44Page - PMC-Sierra, Inc PM5357 Datasheet HTML 45Page - PMC-Sierra, Inc PM5357 Datasheet HTML 46Page - PMC-Sierra, Inc PM5357 Datasheet HTML 47Page - PMC-Sierra, Inc PM5357 Datasheet HTML 48Page - PMC-Sierra, Inc PM5357 Datasheet HTML 49Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 432 page
background image
PRODUCTION
S/UNI-622-POS
PMC-Sierra, Inc.
PM5357
S/UNI-622-POS
DATASHEET
PMC-1980911
ISSUE 5
SATURN USER NETWORK INTERFACE (622-POS)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE
40
Pin Name
Type
Pin
No.
Function
The UTOPIA transmit cell data (TDAT[15:0]) bus
carries the ATM cell octets that are written to the
transmit FIFO.
In 16-bit Level 2 ATM mode, the TDAT[15:0] is
considered valid only when TENB is simultaneously
asserted.
In 8-bit Level 3 ATM mode, the TDAT[7:0] bus is
considered valid only when TENB is simultaneously
asserted. TDAT[15:8] are ignored.
TDAT[15:0] is sampled on the rising edge of TFCLK.
TDAT[0]
TDAT[1]
TDAT[2]
TDAT[3]
TDAT[4]
TDAT[5]
TDAT[6]
TDAT[7]
TDAT[8]
TDAT[9]
TDAT[10]
TDAT[11]
TDAT[12]
TDAT[13]
TDAT[14]
TDAT[15]
Input
K22
K21
K20
J23
J22
J21
H22
H21
H20
G23
G22
G21
G20
F22
F21
E23
The POS-PHY transmit packet data (TDAT[15:0]) bus
carries the POS packet octets that are written to the
transmit FIFO.
In 16-bit Level 2 POS mode, the TDAT[15:0] bus is
considered valid only when TENB is simultaneously
asserted.
In 8-bit Level 3 POS mode, the TDAT[7:0] signals is
considered valid only when TENB is simultaneously
asserted. TDAT[15:8] are ignored.
TDAT[15:0] is sampled on the rising edge of TFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com