Electronic Components Datasheet Search
  English  ▼

X  

PM5357 Datasheet(PDF) 67 Page - PMC-Sierra, Inc

Part # PM5357
Description  SATURN USER NETWORK INTERFACE (622-POS)
PDF  432 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5357 Datasheet(HTML) 67 Page - PMC-Sierra, Inc

Back Button PM5357 Datasheet HTML 63Page - PMC-Sierra, Inc PM5357 Datasheet HTML 64Page - PMC-Sierra, Inc PM5357 Datasheet HTML 65Page - PMC-Sierra, Inc PM5357 Datasheet HTML 66Page - PMC-Sierra, Inc PM5357 Datasheet HTML 67Page - PMC-Sierra, Inc PM5357 Datasheet HTML 68Page - PMC-Sierra, Inc PM5357 Datasheet HTML 69Page - PMC-Sierra, Inc PM5357 Datasheet HTML 70Page - PMC-Sierra, Inc PM5357 Datasheet HTML 71Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 432 page
background image
PRODUCTION
S/UNI-622-POS
PMC-Sierra, Inc.
PM5357
S/UNI-622-POS
DATASHEET
PMC-1980911
ISSUE 5
SATURN USER NETWORK INTERFACE (622-POS)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE
62
Notes on Pin Description:
1. All S/UNI-622-POS inputs and bi-directional signals present minimum
capacitive loading and operate at TTL logic levels except the inputs marked
as Analog or differential pseudo-ECL (PECL).
2. The RDAT[15:0], RPRTY, RSOC/RSOP, REOP, RMOD, RERR, RCA/RPA,
RVAL, RCLK, RFPO, TCA/TPA, TCLK, TFPO, POUT[7:0], FPOUT and OOF
outputs have a 8mA drive capability. The TDO and INTB outputs have a
2mA drive capability. All other digital outputs and bi-directional signals have
4mA drive capability.
3. The system interface inputs RFCLK, RENB, TFCLK, TENB, TDAT[15:0],
TMOD, TERR, TSOC/TSOP, TEOP and TPRTY do not use the ESD bias
voltages (VBIAS and PBIAS pins) and are 3.3V tolerate only. All other digital
inputs (excluding inputs marked Analog), may operate with 5V signalling with
appropriate ESD biasing.
4. The differential pseudo-ECL inputs and outputs should be terminated in a
passive network and interface at PECL levels as described in the Operation
section.
5. It is mandatory that every digital ground pin (VSS) be connected to the
printed circuit board ground plane to ensure reliable device operation.
6. It is mandatory that every digital power pin (VDD) be connected to the printed
circuit board power plane to ensure reliable device operation.
7. All analog power and ground pins can be sensitive to noise. They must be
isolated from the digital power and ground. Care must be taken to correctly
decouple these pins. Please refer to the Operation section and the S/UNI-
622-POS reference design (PMC-981070) for more information.
8. Due to ESD protection structures in the pads it is necessary to exercise
caution when powering a device up or down. ESD protection devices behave
as diodes between power supply pins and from I/O pins to power supply pins.
Under extreme conditions it is possible to damage these ESD protection
devices or trigger latch up. Please adhere to the recommended power supply
sequencing as described in the Operation section of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com