Electronic Components Datasheet Search
  English  ▼

X  

PM5357 Datasheet(PDF) 89 Page - PMC-Sierra, Inc

Part # PM5357
Description  SATURN USER NETWORK INTERFACE (622-POS)
PDF  432 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5357 Datasheet(HTML) 89 Page - PMC-Sierra, Inc

Back Button PM5357 Datasheet HTML 85Page - PMC-Sierra, Inc PM5357 Datasheet HTML 86Page - PMC-Sierra, Inc PM5357 Datasheet HTML 87Page - PMC-Sierra, Inc PM5357 Datasheet HTML 88Page - PMC-Sierra, Inc PM5357 Datasheet HTML 89Page - PMC-Sierra, Inc PM5357 Datasheet HTML 90Page - PMC-Sierra, Inc PM5357 Datasheet HTML 91Page - PMC-Sierra, Inc PM5357 Datasheet HTML 92Page - PMC-Sierra, Inc PM5357 Datasheet HTML 93Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 432 page
background image
PRODUCTION
S/UNI-622-POS
PMC-Sierra, Inc.
PM5357
S/UNI-622-POS
DATASHEET
PMC-1980911
ISSUE 5
SATURN USER NETWORK INTERFACE (622-POS)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE
84
Framing and Identity Insert
The Framing and Identity Insert Block inserts the framing bytes (A1, A2) and
trace/growth bytes (J0/Z0) into the STS-12c/STM-4-4c frame. Framing bit errors
may be continuously inserted under register control for diagnostic purposes.
Scrambler
The Scrambler Block utilizes a frame synchronous scrambler to process the
transmit stream when enabled through an internal register accessed via the
microprocessor interface. The generating polynomial is x7 + x6 + 1. Precise
details of the scrambling operation are provided in the references. Note that the
framing bytes and the identity bytes are not scrambled. All zeros may be
continuously inserted (after scrambling) under register control for diagnostic
purposes.
The POUT[7:0] outputs are provided by the Scrambler block and are updated
with timing aligned to TCLK. It also provides the FPOUT signal.
10.10 Transmit Line Overhead Processor (TLOP)
The Transmit Line Overhead Processor (TLOP) provides line level alarm signal
insertion, and line BIP-96 insertion (B2). In addition, it inserts the line data
communication provided serially on input TLD.
APS Insert
The APS Insert Block inserts the two automatic protection switch (APS) channel
bytes in the Line Overhead (K1 and K2) into the transmit stream when enabled
by an internal register.
Data Link Insert
The Data Link Insert Block inserts the line data communication channel (DCC)
(bytes D4 to D12) into the STS-12c/STM-4-4c stream when enabled by an
internal register. The D4 to D12 bytes are input serially using the TLD signal at a
nominal 576 kbit/s rate. Timing for processing of the line DCC is provided by the
TLDCLK output. TLDCLK is derived from a 2.16 MHz clock that is gapped to
yield an average frequency of 576 kHz.
Line BIP Calculate
The Line BIP Calculate Block calculates the line BIP-96 error detection code (B2)
based on the line overhead and synchronous payload envelope of the transmit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com