Electronic Components Datasheet Search
  English  ▼

X  

PM5357 Datasheet(PDF) 6 Page - PMC-Sierra, Inc

Part # PM5357
Description  SATURN USER NETWORK INTERFACE (622-POS)
PDF  432 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5357 Datasheet(HTML) 6 Page - PMC-Sierra, Inc

Back Button PM5357 Datasheet HTML 2Page - PMC-Sierra, Inc PM5357 Datasheet HTML 3Page - PMC-Sierra, Inc PM5357 Datasheet HTML 4Page - PMC-Sierra, Inc PM5357 Datasheet HTML 5Page - PMC-Sierra, Inc PM5357 Datasheet HTML 6Page - PMC-Sierra, Inc PM5357 Datasheet HTML 7Page - PMC-Sierra, Inc PM5357 Datasheet HTML 8Page - PMC-Sierra, Inc PM5357 Datasheet HTML 9Page - PMC-Sierra, Inc PM5357 Datasheet HTML 10Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 432 page
background image
PRODUCTION
S/UNI-622-POS
PMC-Sierra, Inc.
PM5357
S/UNI-622-POS
DATASHEET
PMC-1980911
ISSUE 5
SATURN USER NETWORK INTERFACE (622-POS)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE
1
CONTENTS
1
FEATURES ..................................................................................................................................... 9
1.1
GENERAL ........................................................................................................................ 9
1.2
THE SONET RECEIVER ................................................................................................ 10
1.3
THE RECEIVE ATM PROCESSOR.................................................................................11
1.4
THE RECEIVE POS PROCESSOR ................................................................................11
1.5
THE SONET TRANSMITTER......................................................................................... 12
1.6
THE TRANSMIT ATM PROCESSOR ............................................................................. 13
1.7
THE TRANSMIT POS PROCESSOR............................................................................. 13
2
APPLICATIONS ............................................................................................................................ 14
3
REFERENCES ............................................................................................................................. 15
4
DEFINITIONS ............................................................................................................................... 17
5
APPLICATION EXAMPLES .......................................................................................................... 20
6
BLOCK DIAGRAM ........................................................................................................................ 25
7
DESCRIPTION ............................................................................................................................. 26
8
PIN DIAGRAM .............................................................................................................................. 29
9
PIN DESCRIPTION ...................................................................................................................... 30
9.1
SERIAL LINE SIDE INTERFACE SIGNALS ................................................................... 30
9.2
PARALLEL LINE SIDE INTERFACE SIGNALS - CRU AND CSU BYPASS ................... 32
9.3
CLOCKS AND ALARMS SIGNALS................................................................................. 35
9.4
SECTION AND LINE STATUS DCC PINS...................................................................... 37
9.5
ATM (UTOPIA) AND PACKET OVER SONET/SDH (POS) SYSTEM INTERFACE........ 38
9.6
MICROPROCESSOR INTERFACE SIGNALS ............................................................... 53
9.7
JTAG TEST ACCESS PORT (TAP) SIGNALS ................................................................ 55
9.8
ANALOG SIGNALS ........................................................................................................ 56
9.9
POWER AND GROUND................................................................................................. 57
10
FUNCTIONAL DESCRIPTION...................................................................................................... 63
10.1
RECEIVE LINE INTERFACE (CRSI-622)....................................................................... 63
10.2
RECEIVE SECTION OVERHEAD PROCESSOR (RSOP)............................................. 65
10.3
RECEIVE LINE OVERHEAD PROCESSOR (RLOP) ..................................................... 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com