Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 105 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 105 Page - Texas Instruments

Back Button AM69 Datasheet HTML 101Page - Texas Instruments AM69 Datasheet HTML 102Page - Texas Instruments AM69 Datasheet HTML 103Page - Texas Instruments AM69 Datasheet HTML 104Page - Texas Instruments AM69 Datasheet HTML 105Page - Texas Instruments AM69 Datasheet HTML 106Page - Texas Instruments AM69 Datasheet HTML 107Page - Texas Instruments AM69 Datasheet HTML 108Page - Texas Instruments AM69 Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 312 page
background image
Table 5-36. MCAN14 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
MCAN14_TX
O
MCAN Transmit Data
AG33, AM37
R33, Y33
Table 5-37. MCAN15 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
MCAN15_RX
I
MCAN Receive Data
AB36, AJ35
E32, R31
MCAN15_TX
O
MCAN Transmit Data
AB38, AG34
D33, R29
Table 5-38. MCAN16 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
MCAN16_RX
I
MCAN Receive Data
AE33
U30
MCAN16_TX
O
MCAN Transmit Data
AH34
G30
Table 5-39. MCAN17 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
MCAN17_RX
I
MCAN Receive Data
AE36, AJ34
R32, T30
MCAN17_TX
O
MCAN Transmit Data
AL32
P32
5.3.6.2 MCU Domain
Table 5-40. MCU_MCAN0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
MCU_MCAN0_RX
I
MCAN Receive Data
F38
C18
MCU_MCAN0_TX
O
MCAN Transmit Data
K33
E22
Table 5-41. MCU_MCAN1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
MCU_MCAN1_RX
I
MCAN Receive Data
K36
D20
MCU_MCAN1_TX
O
MCAN Transmit Data
H35
E16
5.3.7 MCSPI
5.3.7.1 MAIN Domain
Table 5-42. MCSPI0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
SPI0_CLK
IO
SPI Clock
AN38
V31
SPI0_CS0
IO
SPI Chip Select 0
AM37
Y33
SPI0_CS1
IO
SPI Chip Select 1
AP38
Y32
SPI0_CS2
IO
SPI Chip Select 2
AJ35
R31
SPI0_CS3
IO
SPI Chip Select 3
AE33
U30
SPI0_D0
IO
SPI Data 0
AM35
V30
SPI0_D1
IO
SPI Data 1
AM36
W31
Table 5-43. MCSPI1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
SPI1_CLK
IO
SPI Clock
AB38
D33
SPI1_CS0
IO
SPI Chip Select 0
AC38
F30
SPI1_CS1
IO
SPI Chip Select 1
AA32
E30
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
105
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com