| Electronic Components Datasheet Search |
|
AM69 Datasheet(PDF) 109 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM69 Datasheet(HTML) 109 Page - Texas Instruments |
|
109 / 312 page ![]() Table 5-58. UART7 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] UART7_TXD O UART Transmit Data AA32, AF34, AJ34 E30, T30, U31 Table 5-59. UART8 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] UART8_CTSn I UART Clear to Send (active low) AF37 F32 UART8_RTSn O UART Request to Send (active low) AG37 H32 UART8_RXD I UART Receive Data AB38, AE34, AK35, AP38 D33, J30, M33, Y32 UART8_TXD O UART Transmit Data AB36, AK38, AL33, AN38 E32, K31, P31, V31 Table 5-60. UART9 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] UART9_CTSn I UART Clear to Send (active low) AK33, AK37 E33, H33 UART9_RTSn O UART Request to Send (active low) AC34, AJ34 T30, U32 UART9_RXD I UART Receive Data AC32, AG34 G31, R29 UART9_TXD O UART Transmit Data AC37, AK36 J31, R30 5.3.8.2 MCU Domain Table 5-61. MCU_UART0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] MCU_UART0_CTSn I UART Clear to Send (active low) F33, H37 A10, D15 MCU_UART0_RTSn O UART Request to Send (active low) G33, K37 A9, C16 MCU_UART0_RXD I UART Receive Data D31, K38, M38 B11, B21, D21 MCU_UART0_TXD O UART Transmit Data G31, J37, L33 A11, B18, D17 5.3.8.3 WKUP Domain Table 5-62. WKUP_UART0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] WKUP_UART0_CTSn I UART Clear to Send (active low) L37 B15 WKUP_UART0_RTSn O UART Request to Send (active low) L36 B17 WKUP_UART0_RXD I UART Receive Data K35 C20 WKUP_UART0_TXD O UART Transmit Data K34 C19 5.3.9 MDIO 5.3.9.1 MAIN Domain Table 5-63. MDIO0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] MDIO0_MDC O MDIO Clock AD38 H29 MDIO0_MDIO IO MDIO Data AD33 N32 Table 5-64. MDIO1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] MDIO1_MDC O MDIO Clock AE37 G32 MDIO1_MDIO IO MDIO Data AC36 K32 www.ti.com AM69A, AM69 SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 109 Product Folder Links: AM69A AM69 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |