Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 107 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 107 Page - Texas Instruments

Back Button AM69 Datasheet HTML 103Page - Texas Instruments AM69 Datasheet HTML 104Page - Texas Instruments AM69 Datasheet HTML 105Page - Texas Instruments AM69 Datasheet HTML 106Page - Texas Instruments AM69 Datasheet HTML 107Page - Texas Instruments AM69 Datasheet HTML 108Page - Texas Instruments AM69 Datasheet HTML 109Page - Texas Instruments AM69 Datasheet HTML 110Page - Texas Instruments AM69 Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 312 page
background image
Table 5-48. MCSPI7 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
SPI7_CLK
IO
SPI Clock
AF37
F32
SPI7_CS0
IO
SPI Chip Select 0
AG37
H32
SPI7_CS1
IO
SPI Chip Select 1
AD37
P33
SPI7_CS2
IO
SPI Chip Select 2
AE37
G32
SPI7_CS3
IO
SPI Chip Select 3
AL32
P32
SPI7_D0
IO
SPI Data 0
AE38
G29
SPI7_D1
IO
SPI Data 1
AJ38
F31
5.3.7.2 MCU Domain
Table 5-49. MCU_MCSPI0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
MCU_SPI0_CLK
IO
SPI Clock
G38
F15
MCU_SPI0_CS0
IO
SPI Chip Select 0
F37
E19
MCU_SPI0_CS1
IO
SPI Chip Select 1
F33, J37
A10, D17
MCU_SPI0_CS2
IO
SPI Chip Select 2
G33, H37
A9, D15
MCU_SPI0_CS3
IO
SPI Chip Select 3
H35
E16
MCU_SPI0_D0
IO
SPI Data 0
H36
E18
MCU_SPI0_D1
IO
SPI Data 1
J38
E14
Table 5-50. MCU_MCSPI1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
MCU_SPI1_CLK
IO
SPI Clock
H38
E15
MCU_SPI1_CS0
IO
SPI Chip Select 0
J36
D19
MCU_SPI1_CS1
IO
SPI Chip Select 1
D31, K38
B11, D21
MCU_SPI1_CS2
IO
SPI Chip Select 2
G31, K37
A11, C16
MCU_SPI1_CS3
IO
SPI Chip Select 3
K36
D20
MCU_SPI1_D0
IO
SPI Data 0
J34
D16
MCU_SPI1_D1
IO
SPI Data 1
J35
D18
5.3.8 UART
5.3.8.1 MAIN Domain
Table 5-51. UART0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
UART0_CTSn
I
UART Clear to Send (active low)
AC32, AC38
F30, G31
UART0_DCDn
I
UART Data Carrier Detect (active low)
AJ33
T29
UART0_DSRn
I
UART Data Set Ready (active low)
AF33
T31
UART0_DTRn
O
UART Data Terminal Ready (active low)
AH33
T32
UART0_RIn
I
UART Ring Indicator
AG33
R33
UART0_RTSn
O
UART Request to Send (active low)
AB38, AC37, AP38
D33, J31, Y32
UART0_RXD
I
UART Receive Data
AD33
N32
UART0_TXD
O
UART Transmit Data
AD38
H29
Table 5-52. UART1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
UART1_CTSn
I
UART Clear to Send (active low)
AC36, AN38
K32, V31
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
107
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com