Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 108 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 108 Page - Texas Instruments

Back Button AM69 Datasheet HTML 104Page - Texas Instruments AM69 Datasheet HTML 105Page - Texas Instruments AM69 Datasheet HTML 106Page - Texas Instruments AM69 Datasheet HTML 107Page - Texas Instruments AM69 Datasheet HTML 108Page - Texas Instruments AM69 Datasheet HTML 109Page - Texas Instruments AM69 Datasheet HTML 110Page - Texas Instruments AM69 Datasheet HTML 111Page - Texas Instruments AM69 Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 312 page
background image
Table 5-52. UART1 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
UART1_RTSn
O
UART Request to Send (active low)
AE36, AM35
R32, V30
UART1_RXD
I
UART Receive Data
AD37
P33
UART1_TXD
O
UART Transmit Data
AE37
G32
Table 5-53. UART2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
UART2_CTSn
I
UART Clear to Send (active low)
AD36
L31
UART2_RTSn
O
UART Request to Send (active low)
AJ32
J33
UART2_RXD
I
UART Receive Data
AB34, AF38, AM35
F29, N33, V30
UART2_TXD
O
UART Transmit Data
AA33, AE38, AM36
F28, G29, W31
Table 5-54. UART3 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
UART3_CTSn
I
UART Clear to Send (active low)
AJ38
F31
UART3_RTSn
O
UART Request to Send (active low)
AH38
H31
UART3_RXD
I
UART Receive Data
AC33, AD36, AR38
AA32, G28, L31
UART3_TXD
O
UART Transmit Data
AH37, AJ32, AN37
F33, J33, W30
Table 5-55. UART4 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
UART4_CTSn
I
UART Clear to Send (active low)
AB38, AG35, AK33
D33, H33, T33
UART4_RTSn
O
UART Request to Send (active low)
AB36, AC34, AH36
E32, L32, U32
UART4_RXD
I
UART Receive Data
AB34, AE35, AF37,
AL34
F29, F32, M31, N31
UART4_TXD
O
UART Transmit Data
AA33, AC35, AF33,
AG37
F28, H32, N30, T31
Table 5-56. UART5 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
UART5_CTSn
I
UART Clear to Send (active low)
AB34, AJ36
F29, L33
UART5_RTSn
O
UART Request to Send (active low)
AA33, AF34
F28, U31
UART5_RXD
I
UART Receive Data
AC38, AF35, AJ33
F30, P30, T29
UART5_TXD
O
UART Transmit Data
AA32, AD34, AG36
E30, M32, P29
Table 5-57. UART6 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
UART6_CTSn
I
UART Clear to Send (active low)
AF38
N33
UART6_RTSn
O
UART Request to Send (active low)
AE38
G29
UART6_RXD
I
UART Receive Data
AC36, AG33, AK37
E33, K32, R33
UART6_TXD
O
UART Transmit Data
AE36, AH33, AJ37
G33, R32, T32
Table 5-58. UART7 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
UART7_CTSn
I
UART Clear to Send (active low)
AB34
F29
UART7_RTSn
O
UART Request to Send (active low)
AA33
F28
UART7_RXD
I
UART Receive Data
AC38, AJ36, AL32
F30, L33, P32
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
108
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com