Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 140 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 140 Page - Texas Instruments

Back Button AM69 Datasheet HTML 136Page - Texas Instruments AM69 Datasheet HTML 137Page - Texas Instruments AM69 Datasheet HTML 138Page - Texas Instruments AM69 Datasheet HTML 139Page - Texas Instruments AM69 Datasheet HTML 140Page - Texas Instruments AM69 Datasheet HTML 141Page - Texas Instruments AM69 Datasheet HTML 142Page - Texas Instruments AM69 Datasheet HTML 143Page - Texas Instruments AM69 Datasheet HTML 144Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 312 page
background image
Table 5-121. Connectivity Requirements (continued)
ALY
BALL
NUMBER
AND
BALL
NUMBER
BALL NAME
CONNECTION REQUIREMENT
G36
E20
MCU_RESETZ
Each of these balls must be connected to the corresponding power
supply through a separate external pull resistor to ensure these balls
are held to a valid logic high level, if unused.
K32
C24
MCU_PORZ
P33
D24
PORZ
F34
G20
RESET_REQZ
G35
F21
TCK
AL36
V32
TMS
G34
A21
MCU_I2C0_SDA
M35
D22
MCU_I2C0_SCL
N33
A16
WKUP_I2C0_SCL
N35
D23
WKUP_I2C0_SDA
AN36
AA30
I2C0_SCL
AP37
Y30
I2C0_SDA
AN35
Y29
EXTINTN
AL37
V33
TDI
AL35
W33
TDO
F35
F19
EMU0
H34
E17
EMU1
V1
T1
DDR0_DQS0N
Y1
W1
DDR0_DQS1N
AE1
AC1
DDR0_DQS2N
AH1
AF1
DDR0_DQS3N
A17
C1
DDR1_DQS0N
A14
F1
DDR1_DQS1N
A9
K1
DDR1_DQS2N
A4
N1
DDR1_DQS3N
R1
-
DDR2_DQS0N
M1
-
DDR2_DQS1N
G1
-
DDR2_DQS2N
D1
-
DDR2_DQS3N
A19
-
DDR3_DQS0N
A22
-
DDR3_DQS1N
A27
-
DDR3_DQS2N
A30
-
DDR3_DQS3N
R35
D25
MCU_ADC0_REFP
If the MCU_ADCn interface is not used, these signals should be
connected to the same power supply as the VDDA_ADCn supply input.
AA35
C30
MCU_ADC1_REFP
U35
C26
MCU_ADC0_REFN
If the MCU_ADCn interface is not used, these signals should be
connected to VSS.
W35
D29
MCU_ADC1_REFN
L29
F26
VPP_MCU
Each of these balls must be left unconnected, if unused.
AA31
V29
VPP_CORE
AJ7
AH2
MMC0_CALPAD
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
140
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com