Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 142 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 142 Page - Texas Instruments

Back Button AM69 Datasheet HTML 138Page - Texas Instruments AM69 Datasheet HTML 139Page - Texas Instruments AM69 Datasheet HTML 140Page - Texas Instruments AM69 Datasheet HTML 141Page - Texas Instruments AM69 Datasheet HTML 142Page - Texas Instruments AM69 Datasheet HTML 143Page - Texas Instruments AM69 Datasheet HTML 144Page - Texas Instruments AM69 Datasheet HTML 145Page - Texas Instruments AM69 Datasheet HTML 146Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 312 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free–air temperature range (unless otherwise noted)(1) (2)
PARAMETER
MIN
MAX
UNIT
VDD_*(3)
Core supplies
–0.3
1.05
V
VDDAR_*(3)
RAM supplies
–0.3
1.05
V
VDDA_0P8_*(3)
Analog supplies for 0.8V domains
–0.3
1.05
V
VDDA_1P8_*(3)
Analog supplies for 1.8 V PHY domains
–0.3
2.2
V
VDDA_3P3_USB
Analog supply for 3.3V USB domain
–0.3
3.8
V
VDDA_*(3)
Analog supply for 1.8V PLL and other domains
–0.3
2.2
V
VDDS_DDR_*(3)
DDR inteface power supplies
–0.3
1.2
V
VDDS_MMC0
MMC0 IO supply
–0.3
2.2
V
VDDSHV*(3)
Dual Voltage LVCMOS IO supplies 1.8 V
–0.3
2.2
V
3.3 V
–0.3
3.8
VPP_CORE VPP MCU
Supply voltage range for EFUSE domains
–0.3
1.89
V
USB0_VBUS(9)
Voltage range for USB VBUS comparator input
–0.3
3.6
V
Steady State Max. Voltage at all fail–safe IO pins
I2C0_SCL,
I2C0_SDA,
WKUP_I2C0_SC
L,
WKUP_I2C0_SD
A,
MCU_I2C0_SCL,
MCU_I2C0_SDA,
EXTINTn
–0.3
3.8
V
MCU_PORz,
PORz
–0.3
3.8
V
Steady State Max. Voltage at all other IO pins(4)
VMON1_ER_VSY
S(8),
VMON3_IR_VEX
T1P8,
VMON4_IR_VEX
T1P8
–0.3
2.2
V
VMON2_IR_VCP
U
–0.3
1.05
V
VMON5_IR_VEX
T3P3
–0.3
3.8
V
All other IO pins
–0.3 IO supply voltage + 0.3
V
Transient Overshoot and Undershoot specification at IO pin
20% of IO supply
voltage for up
to 20% of signal
period
Figure 6-1 (see
IO Transient
Voltage Ranges)
0.2 × VDD(7)
V
Latch–up Performance, Class II (125°C)(5)
I–Test
–100
100
mA
Over–Voltage
(OV) Test
NA
1.5 × VDD(7)
V
TSTG (6)
Storage
temperature
–55
+150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
142
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com