Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 198 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 198 Page - Texas Instruments

Back Button AM69 Datasheet HTML 194Page - Texas Instruments AM69 Datasheet HTML 195Page - Texas Instruments AM69 Datasheet HTML 196Page - Texas Instruments AM69 Datasheet HTML 197Page - Texas Instruments AM69 Datasheet HTML 198Page - Texas Instruments AM69 Datasheet HTML 199Page - Texas Instruments AM69 Datasheet HTML 200Page - Texas Instruments AM69 Datasheet HTML 201Page - Texas Instruments AM69 Datasheet HTML 202Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 312 page
background image
6.10.5.2.3.1 RGMII[x]_RXC Timing Requirements – RGMII Mode
see Figure 6-39
NO.
MODE
MIN
MAX
UNIT
RGMII1 tc(rxc)
Cycle time, RGMII[x]_RXC
10Mbps
360
440
ns
100Mbps
36
44
ns
1000Mbps
7.2
8.8
ns
RGMII2 tw(rxcH)
Pulse duration, RGMII[x]_RXC high
10Mbps
160
240
ns
100Mbps
16
24
ns
1000Mbps
3.6
4.4
ns
RGMII3 tw(rxcL)
Pulse duration, RGMII[x]_RXC low
10Mbps
160
240
ns
100Mbps
16
24
ns
1000Mbps
3.6
4.4
ns
6.10.5.2.3.2 CPSW2G Timing Requirements for RGMII[x]_RD[3:0], and RGMII[x]_RCTL – RGMII Mode
see Figure 6-39
NO.
MODE
MIN
MAX
UNIT
RGMII4
tsu(rdV-rxcV)
Setup time, RGMII[x]_RD[3:0] valid before RGMII[x]_RXC
transition
10Mbps
1
ns
100Mbps
1
ns
1000Mbps
1
ns
tsu(rx_ctlV-rxcV)
Setup time, RGMII[x]_RX_CTL valid before RGMII[x]_RXC
transition
10Mbps
1
ns
100Mbps
1
ns
1000Mbps
1
ns
RGMII5
th(rxcV-rdV)
Hold time, RGMII[x]_RD[3:0] valid after RGMII[x]_RXC
transition
10Mbps
1
ns
100Mbps
1
ns
1000Mbps
1
ns
th(rxcV-rx_ctlV)
Hold time, RGMII[x]_RX_CTL valid after RGMII[x]_RXC
transition
10Mbps
1
ns
100Mbps
1
ns
1000Mbps
1
ns
RGMII[x] RD 3
_
[ :0]
(B)
RGMII[x] RX_CTL
_
(B)
RGMII[x] RXC
_
(A)
RGMII4
RXERR
RXDV
2nd Half-byte
1st Half-byte
RGMII2
RGMII3
RGMII1
RGMII5
A.
RGMII_RXC must be externally delayed relative to the data and control pins.
B.
Data and control information is received using both edges of the clocks. RGMII_RXD[3:0] carries data bits 3-0 on the rising edge of
RGMII_RXC and data bits 7-4 on the falling edge of RGMII_RXC. Similarly, RGMII_RXCTL carries RXDV on rising edge of RGMII_RXC
and RXERR on falling edge of RGMII_RXC.
Figure 6-39. CPSW2G Receive Interface Timing, RGMII Operation
Section 6.10.5.2.3.3, Section 6.10.5.2.3.4 present switching characteristics for transmit - RGMII for 10 Mbps, 100
Mbps, and 1000 Mbps.
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
198
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com