Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 201 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 201 Page - Texas Instruments

Back Button AM69 Datasheet HTML 197Page - Texas Instruments AM69 Datasheet HTML 198Page - Texas Instruments AM69 Datasheet HTML 199Page - Texas Instruments AM69 Datasheet HTML 200Page - Texas Instruments AM69 Datasheet HTML 201Page - Texas Instruments AM69 Datasheet HTML 202Page - Texas Instruments AM69 Datasheet HTML 203Page - Texas Instruments AM69 Datasheet HTML 204Page - Texas Instruments AM69 Datasheet HTML 205Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 312 page
background image
Table 6-32. DPI Timing Conditions (continued)
PARAMETER
MIN
MAX
UNIT
OUTPUT CONDITIONS
CL
Output load capacitance
1.5
5
pF
PCB CONNECTIVITY REQUIREMENTS
td(Trace Mismatch Delay)
Propagation delay mismatch
across all traces
100
ps
Table 6-33, Table 6-34, Figure 6-42 and Figure 6-43 assume testing over the recommended operating conditions
and electrical characteristic conditions.
Table 6-33. DPI Video Output Switching Characteristics
NO.(2)
PARAMETER
MIN
MAX
UNIT
D1
tc(pclk)
Cycle time, VOUT(x)_PCLK
6.06
ns
D2
tw(pclkL)
Pulse duration, VOUT(x)_PCLK low
0.475×P(1)
ns
D3
tw(pclkH)
Pulse duration, VOUT(x)_PCLK high
0.475×P(1)
ns
D4
td(pclkV-dataV)
Delay time, VOUT(x)_PCLK transition to VOUT(x)_DATA[23:0]
transition
-0.68
1.78
ns
D5
td(pclkV-ctrlL)
Delay time, VOUT(x)_PCLK transition to control signals
VOUT(x)_VSYNC, VOUT(x)_HSYNC, VOUT(x)_DE falling edge
-0.68
1.78
ns
(1)
P = output VOUT(x)_PCLK period in ns.
(2)
x in VOUT(x) = 1 or 2
VOUT(x)_PCLK
VOUT(x)_VSYNC
VOUT(x)_HSYNC
VOUT(x)_DATA[23:0]
VOUT(x)_DE
data_1 data_2
data_n
D1
D2
D3
D5
D5
D4
D5
DPI_TIMING_01
VOUT
_PCLK
(x)
Falling-edge Clock Reference
Rising-edge Clock Reference
A.
The configuration of assertion of the data can be programmed on the falling or rising edge of the pixel clock.
B.
The polarity and the pulse width of VOUT(x)_HSYNC and VOUT(x)_VSYNC are programmable, refer to Display Subsystem (DSS)
section in Peripherals chapter in the device TRM.
C.
The VOUT(x)_PCLK frequency can be configured, refer to Display Subsystem section in Peripherals chapter in the device TRM.
D.
x in VOUT(x) = 1 or 2.
Figure 6-42. DPI Video Output
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
201
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com