Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 200 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 200 Page - Texas Instruments

Back Button AM69 Datasheet HTML 196Page - Texas Instruments AM69 Datasheet HTML 197Page - Texas Instruments AM69 Datasheet HTML 198Page - Texas Instruments AM69 Datasheet HTML 199Page - Texas Instruments AM69 Datasheet HTML 200Page - Texas Instruments AM69 Datasheet HTML 201Page - Texas Instruments AM69 Datasheet HTML 202Page - Texas Instruments AM69 Datasheet HTML 203Page - Texas Instruments AM69 Datasheet HTML 204Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 312 page
background image
6.10.5.3 CSI-2
Note
For more information, see the Camera Streaming Interface Receiver (CSI_RX_IF) chapter in the
device TRM.
The CSI_RX_IF deals with the processing of the pixel data coming from an external image sensor and data from
memory. It is a key component for the following multimedia applications: camera viewfinder, video record, and
still image capture.
The CSI_RX_IF has a primary serial interface (CSI-2 port) compliant with the MIPI D-PHY RX specification v1.2
and the MIPI CSI-2 specification v1.3, with 4 differential data lanes plus 1 differential clock lane in synchronous
mode, double data rate. Refer to the specification for timing details.
• 2.5 Gbps (1.25 GHz) for each lane.
6.10.5.4 DDRSS
For more details about features and additional description information on the device LPDDR4 Memory
Interfaces, see the corresponding sections within Signal Descriptions and Detailed Description.
The device has dedicated interface to LPDDR4. It supports JEDEC JESD209-4B standard compliant LPDDR4
SDRAM devices with the following features:
• 32-bit data path to external SDRAM memory
• Memory device capacity: Up to 8GB address space available over two chip selects (4GB per rank)
• No support for byte mode LPDDR4 memories, or memories with more than 17 row address bits
Table 6-31 and Figure 6-41 present switching characteristics for DDRSS.
Table 6-31. Switching Characteristics for DDRSS
NO.
PARAMETER
DDR TYPE
MIN
MAX
UNIT
1
tc(DDR_CKP/DDR_CKN)
Cycle time, DDR0_CKP and DDR0_CKN
LPDDR4
0.4681
3.003
ns
1. Maximum DDR Frequency will be limited based on the specific memory type (vendor) used in a system
and by PCB implementation. TI strongly recommends all designs to follow the TI LPDDR4 EVM PCB
layout exactly in every detail (routing, spacing, vias/backdrill, PCB material, etc.) in order to achieve the full
specified clock frequency. Refer to the Jacinto 7 DDR Board Design and Layout Guidelines for details.
DDR0_CKP
1
DDR0_CKN
Figure 6-41. DDRSS Memory Interface Clock Timing
For more information, see DDR Subsystem (DDRSS) section in Memory Controllers chapter in the device TRM.
6.10.5.5 DSS
For more details about features and additional description information on the device Display Subsystem – Video
Output Ports, see the corresponding sections within Signal Descriptions and Detailed Description.
Table 6-32 represents DPI timing conditions.
Table 6-32. DPI Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
1.44
26.4
V/ns
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
200
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com