Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 202 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 202 Page - Texas Instruments

Back Button AM69 Datasheet HTML 198Page - Texas Instruments AM69 Datasheet HTML 199Page - Texas Instruments AM69 Datasheet HTML 200Page - Texas Instruments AM69 Datasheet HTML 201Page - Texas Instruments AM69 Datasheet HTML 202Page - Texas Instruments AM69 Datasheet HTML 203Page - Texas Instruments AM69 Datasheet HTML 204Page - Texas Instruments AM69 Datasheet HTML 205Page - Texas Instruments AM69 Datasheet HTML 206Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 312 page
background image
Table 6-34. DPI External Pixel Clock Timing Requirements
NO.(2)
MIN
MAX
UNIT
D6
tc(extpclkin)
Cycle time, VOUT(x)_EXTPCLKIN
6.06
ns
D7
tw(extpclkinL)
Pulse duration, VOUT(x)_EXTPCLKIN low
0.45×P
(1)
ns
D8
tw(extpclkinH)
Pulse duration, VOUT(x)_EXTPCLKIN high
0.45×P
(1)
ns
(1)
P = output VOUT(x)_PCLK period in ns.
(2)
x in VOUT(x) = 1 or 2
VOUT(x)_EXTPCLKIN
D6
D7
D8
DPI_TIMING_02
Falling-edge Clock Reference
Rising-edge Clock Reference
VOUT(x)_EXTPCLKIN
Figure 6-43. DPI External Pixel Clock Input
For more information, see Display Subsystem (DSS) and Peripherals section in Peripherals chapter in the device
TRM.
6.10.5.6 eCAP
The supported features by the device ECAP are:
• 32-bit time base counter
• 4-event time-stamp registers (each 32 bits)
• Independent edge polarity selection for up to four sequenced time-stamp capture events
• Interrupt capabilities on any of the four capture events
• Input capture signal pre-scaling (from 1 to 16)
• Support of different capture modes (single shot capture, continuous mode capture, absolute timestamp
capture or difference mode time-stamp capture)
Table 6-35 represents ECAP timing conditions.
Table 6-35. ECAP Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
1
4
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
2
7
pF
Section 6.10.5.6.1 and Section 6.10.5.6.2 present timing and switching characteristics for eCAP (see Figure 6-44
and Figure 6-45).
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
202
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com