Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 232 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 232 Page - Texas Instruments

Back Button AM69 Datasheet HTML 228Page - Texas Instruments AM69 Datasheet HTML 229Page - Texas Instruments AM69 Datasheet HTML 230Page - Texas Instruments AM69 Datasheet HTML 231Page - Texas Instruments AM69 Datasheet HTML 232Page - Texas Instruments AM69 Datasheet HTML 233Page - Texas Instruments AM69 Datasheet HTML 234Page - Texas Instruments AM69 Datasheet HTML 235Page - Texas Instruments AM69 Datasheet HTML 236Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 312 page
background image
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
D12
td(clkX-d[0:7]V)
Delay time, CLK transitioning to D0:D7 valid
0.84
2.17
ns
6.10.5.11.3 HyperBus 100 MHz Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
LFD5
tskn(rwdsX-dV)
Input skew, RWDS transitioning to D0:D7 valid
-0.81
0.81
ns
LFD6
tc(clk)
CLK period, CLK
10
ns
LFD7
tw(clk)
Pulse width, CLK
4.75
ns
LFD8
tw(csIV)
Pulse width, CS0 invalid between operations
10
ns
LFD9
td(clkH-csL)
Delay time, CS0 active to CLK rising
-3.51
ns
LFD10
td(clkL[LE]-csH)
Delay time, last falling CLK edge to CS0 inactive
0.51
ns
LFD11
td(clkX-rwdsV)
Delay time, CLK transition to RWDS valid
1.51
3.49
ns
LFD12
td(clkX-d[0:7]V)
Delay time, CLK transitioning to D0:D7 valid
1.34
3.66
ns
HYPERBUS_TIMING_01
CK, CKn
D8/LFD8
D2
RWDS
DQ[7:0]
D9/LFD9
Command-Address
Host drives DQ[7:0] and Memory drives RWDS
CK and Data are center aligned
Host drives DQ[7:0] and RWDS
39:32
31:24
23:16
15:8
7:0
47:40
Dn
Dn
Dn+1 Dn+1
A
B
A
B
D6/LFD6
D7/LFD7
D11/LFD11
D10/LFD10
D12/LFD12
D4
D12/LFD12
CSn
Figure 6-66. HyperBus Timing Diagrams – Transmitter Mode
HYPERBUS_TIMING_02
RWDS
DQ[7:0]
Command-Address
Host drives DQ[7:0] and Memory drives RWDS
CK and Data are center aligned
Host drives DQ[7:0] and RWDS
39:32
31:24
23:16
15:8
7:0
47:40
Dn
Dn
Dn+1 Dn+1
A
B
A
B
CK, CKn
D8/LFD8
D2
D9/LFD9
D6/LFD6
D7/LFD7
D10/LFD10
D4
D12/LFD12
D5/LFD5
D5/LFD5
CSn
Figure 6-67. HyperBus Timing Diagrams – Receiver Mode
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
232
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com