Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 236 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 236 Page - Texas Instruments

Back Button AM69 Datasheet HTML 232Page - Texas Instruments AM69 Datasheet HTML 233Page - Texas Instruments AM69 Datasheet HTML 234Page - Texas Instruments AM69 Datasheet HTML 235Page - Texas Instruments AM69 Datasheet HTML 236Page - Texas Instruments AM69 Datasheet HTML 237Page - Texas Instruments AM69 Datasheet HTML 238Page - Texas Instruments AM69 Datasheet HTML 239Page - Texas Instruments AM69 Datasheet HTML 240Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 312 page
background image
5. Clock Frequency Minimum 0.01 MHz, Maximum 12.5 MHz
- Open drain with weak pull-up
- Open drain with weak pull-up
I3C_TIMING_02
SCL
SDA
D1
D2
D7
D6
D8
D9
D5
Start
Stop
Repeated
Start
Stop
0.7xVDD
0.3xVDD
0.7xVDD
0.3xVDD
D9
D5
D4
D11
D10
Figure 6-70. I3C Push-Pull Timing (SDR and HDR-DDR Modes)
6.10.5.14 MCAN
For more details about features and additional description information on the device Controller Area Network
Interface, see the corresponding sections within Signal Descriptions and Detailed Description.
Note
The device has multiple MCAN modules. MCANn is a generic prefix applied to MCAN signal names,
where n represents the specific MCAN module.
Table 6-45. MCAN Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
2
15
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
5
20
pF
Table 6-46. MCAN Switching Characteristics
NO.
PARAMETER
MIN
MAX
UNIT
MCAN1
td(MCAN_TX)
Delay time, transmit shift register to MCANn_TX pin(1)
10
ns
MCAN2
td(MCAN_RX)
Delay time, MCANn_RX pin to receive shift register(1)
10
ns
(1)
n is [0:13] in MCANn_* or [0:1] in MCU_MCANn_*
For more information, see Controller Area Network (MCAN) section in Peripherals chapter in the device TRM.
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
236
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com