Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 233 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 233 Page - Texas Instruments

Back Button AM69 Datasheet HTML 229Page - Texas Instruments AM69 Datasheet HTML 230Page - Texas Instruments AM69 Datasheet HTML 231Page - Texas Instruments AM69 Datasheet HTML 232Page - Texas Instruments AM69 Datasheet HTML 233Page - Texas Instruments AM69 Datasheet HTML 234Page - Texas Instruments AM69 Datasheet HTML 235Page - Texas Instruments AM69 Datasheet HTML 236Page - Texas Instruments AM69 Datasheet HTML 237Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 312 page
background image
D3
D1
RESETn
HYPERBUS_TIMING_03
CSn
Figure 6-68. HyperBus Timing Diagrams – Reset
For more information, see HyperBus Interface section in Peripherals chapter in the device TRM.
6.10.5.12 I2C
The device contains several multicontroller Inter-Integrated Circuit (I2C) controllers. Each I2C controller was
designed to be compliant to the Philips I2C-bus™ specification version 2.1. However, the device IO Buffers are
not fully compliant to the I2C electrical specification. Some I2C instances use the LVCMOS Buffer Type, while
other instances use the I2S OD FS Buffer type. See the Pin Attributes table to determine the IO Buffer
Type used for each I2C instance on this device. The I2C speeds supported and exceptions are described per
IO Buffer Type below:
• I2C instances that use the LVCMOS buffer type
– Speeds:
• Standard-mode (up to 100 Kbits/s)
– 1.8 V
– 3.3 V
• Fast-mode (up to 400 Kbits/s)
– 1.8 V
– 3.3 V
– Exceptions:
• The IOs associated with these ports are not compliant to the fall time requirements defined in the I2C
specification because they are implemented with higher performance LVCMOS push-pull IOs that were
designed to support other signal functions that could not be implemented with I2C compatible IOs. The
LVCMOS IOs being used on these ports are connected such they emulate open-drain outputs. This
emulation is achieved by forcing a constant low output and disabling the output buffer to enter the Hi-Z
state.
• The I2C specification defines a maximum input voltage VIH of (VDD
max + 0.5 V), which exceeds the
absolute maximum ratings for the device IOs. The system must be designed to ensure the I2C signals
never exceed the limits defined in the Absolute Maximum Ratings section of this data sheet.
• I2C instances that use the I2C OD FS buffer type
– Speeds:
• Standard-mode (up to 100 Kbits/s)
– 1.8 V
– 3.3 V
• Fast-mode (up to 400 Kbits/s)
– 1.8 V
– 3.3 V
• Hs-mode (up to 3.4 Mbit/s)
– 1.8 V
– Exceptions:
• The IOs associated with these ports were not design to support Hs-mode while operating at 3.3 V. So
Hs-mode is limited to 1.8-V operation.
• The rise and fall times of the I2C signals connected to these ports must not exceed a slew rate of 0.8
V/ns (or 8E+7 V/s). This limit is more restrictive than the minimum fall time limits defined in the I2C
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
233
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com