Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 249 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 249 Page - Texas Instruments

Back Button AM69 Datasheet HTML 245Page - Texas Instruments AM69 Datasheet HTML 246Page - Texas Instruments AM69 Datasheet HTML 247Page - Texas Instruments AM69 Datasheet HTML 248Page - Texas Instruments AM69 Datasheet HTML 249Page - Texas Instruments AM69 Datasheet HTML 250Page - Texas Instruments AM69 Datasheet HTML 251Page - Texas Instruments AM69 Datasheet HTML 252Page - Texas Instruments AM69 Datasheet HTML 253Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 312 page
background image
6.10.5.17.1.2 High Speed SDR Mode
Table 6-61, Figure 6-79, Table 6-62, and Figure 6-80 present timing requirements and switching characteristics
for MMC0 – High Speed SDR Mode.
Table 6-61. MMC0 Timing Requirements – High Speed SDR Mode
see Figure 6-79
NO.
MIN
MAX
UNIT
HSSDR1
tsu(cmdV-clkH)
Setup time, MMC0_CMD valid before MMC0_CLK rising edge
2.99
ns
HSSDR2
th(clkH-cmdV)
Hold time, MMC0_CMD valid after MMC0_CLK rising edge
2.67
ns
HSSDR3
tsu(dV-clkH)
Setup time, MMC0_DAT[7:0] valid before MMC0_CLK rising edge
2.99
ns
HSSDR4
th(clkH-dV)
Hold time, MMC0_DAT[7:0] valid after MMC0_CLK rising edge
2.67
ns
Figure 6-79. MMC0 – High Speed SDR Mode – Receive Mode
Table 6-62. MMC0 Switching Characteristics – High Speed SDR Mode
see Figure 6-80
NO.
PARAMETER
MIN
MAX
UNIT
fop(clk)
Operating frequency, MMC0_CLK
50
MHz
HSSDR5
tc(clk)
Cycle time, MMC0_CLK
20
ns
HSSDR6
tw(clkH)
Pulse duration, MMC0_CLK high
9.2
ns
HSSDR7
tw(clkL)
Pulse duration, MMC0_CLK low
9.2
ns
HSSDR8
td(clkL-cmdV)
Delay time, MMC0_CLK falling edge to MMC0_CMD transition
–3.2
3.8
ns
HSSDR9
td(clkL-dV)
Delay time, MMC0_CLK falling edge to MMC0_DAT[7:0] transition
–3.2
3.8
ns
Figure 6-80. MMC0 – High Speed SDR Mode – Transmit Mode
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
249
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com