Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 246 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 246 Page - Texas Instruments

Back Button AM69 Datasheet HTML 242Page - Texas Instruments AM69 Datasheet HTML 243Page - Texas Instruments AM69 Datasheet HTML 244Page - Texas Instruments AM69 Datasheet HTML 245Page - Texas Instruments AM69 Datasheet HTML 246Page - Texas Instruments AM69 Datasheet HTML 247Page - Texas Instruments AM69 Datasheet HTML 248Page - Texas Instruments AM69 Datasheet HTML 249Page - Texas Instruments AM69 Datasheet HTML 250Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 312 page
background image
Table 6-56. MCU_SPI1 IOSET
Signals
IOSET1
IOSET2
BALL NAME
MUX
BALL NAME
MUX
MCU_SPI1_CLK
MCU_SPI1_CLK
0
MCU_SPI1_CLK
0
MCU_SPI1_D0
MCU_SPI1_D0
0
MCU_SPI1_D0
0
MCU_SPI1_D1
MCU_SPI1_D1
0
MCU_SPI1_D1
0
MCU_SPI1_CS0
MCU_SPI1_CS0
0
MCU_SPI1_CS0
0
MCU_SPI1_CS1
MCU_OSPI1_D1
5
WKUP_GPIO0_13
1
MCU_SPI1_CS2
MCU_OSPI1_D2
5
WKUP_GPIO0_15
1
For more information, see Multichannel Serial Peripheral Interface (MCSPI) section in Peripherals chapter in the
device TRM.
6.10.5.17 MMCSD
The MMCSD Host Controller provides an interface to embedded Multi-Media Card (MMC), Secure Digital (SD),
and Secure Digital IO (SDIO) devices. The MMCSD Host Controller deals with MMC/SD/SDIO protocol at
transmission level, data packing, adding cyclic redundancy checks (CRCs), start/end bit insertion, and checking
for syntactical correctness.
For more details about MMCSD interfaces, see the corresponding MMC0, MMC1, and MMC2 sections within
Signal Descriptions and Detailed Description.
Note
Some operating modes require software configuration of the MMC DLL delay settings, as shown in
Table 6-57 and Table 6-67.
For more information, see Multi-Media Card/Secure Digital (MMCSD) Interface section in Peripherals chapter in
the device TRM.
6.10.5.17.1 MMC0 - eMMC Interface
MMC0 interface is compliant with the JEDEC eMMC electrical standard v5.1 (JESD84-B51) and it supports the
following eMMC applications:
• Legacy speed
• High speed SDR
• High speed DDR
• High Speed HS200
• High Speed HS400
Table 6-57 presents the required DLL software configuration settings for MMC0 timing modes.
Table 6-57. MMC0 DLL Delay Mapping for All Timing Modes
REGISTER NAME
MMCSD0_SS_PHY_CTRL_4_REG
MMCSD0_SS_PHY_CTRL_5_REG
BIT FIELD
[31:24]
[20]
[15:12]
[8]
[4:0]
[17:16]
[10:8]
[2:0]
BIT FIELD NAME
STRBSEL
OTAPDLYENA
OTAPDLYSEL
ITAPDLYENA
ITAPDLYSEL
SELDLYTXCLK
SELDLYRXCLK
FRQSEL
CLKBUFSEL
MODE
DESCRIPTION
STROBE
DELAY
OUTPUT
DELAY
ENABLE
OUTPUT
DELAY
VALUE
INPUT
DELAY
ENABLE
INPUT
DELAY
VALUE
DLL/
DELAY CHAIN
SELECT
DLL REF
FREQUENCY
DELAY
BUFFER
DURATION
Legacy
SDR
8-bit PHY
operating 1.8 V,
25 MHz
0x0
0x0
NA
0x1
0x10
0x1
0x0
0x7
High
Speed
SDR
8-bit PHY
operating 1.8 V,
50 MHz
0x0
0x0
NA
0x1
0xA
0x1
0x0
0x7
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
246
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com