Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 269 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 269 Page - Texas Instruments

Back Button AM69 Datasheet HTML 265Page - Texas Instruments AM69 Datasheet HTML 266Page - Texas Instruments AM69 Datasheet HTML 267Page - Texas Instruments AM69 Datasheet HTML 268Page - Texas Instruments AM69 Datasheet HTML 269Page - Texas Instruments AM69 Datasheet HTML 270Page - Texas Instruments AM69 Datasheet HTML 271Page - Texas Instruments AM69 Datasheet HTML 272Page - Texas Instruments AM69 Datasheet HTML 273Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 312 page
background image
Table 6-89. OSPI0/1 Switching Characteristics – Tap DDR Mode
see Figure 6-105
NO.
PARAMETER
MODE
MIN
MAX
UNIT
O1
tc(CLK)
Cycle time, OSPI0/1_CLK
40
ns
O2
tw(CLKL)
Pulse duration, OSPI0/1_CLK low
((0.475P(1)) - 0.3)
ns
O3
tw(CLKH)
Pulse duration, OSPI0/1_CLK high
((0.475P(1)) - 0.3)
ns
O4
td(CSn-CLK)
Delay time, OSPI0/1_CSn[3:0] active edge
to OSPI0/1_CLK rising edge
((0.475P(1)) +
((0.975M(2)R(4)) - 1)
((0.525P(1)) +
(1.025M(2)R(4)) + 1)
ns
O5
td(CLK-CSn)
Delay time, OSPI0/1_CLK rising edge to
OSPI0/1_CSn[3:0] inactive edge
((0.475P(1)) +
(0.975N(3)R(4)) - 1)
((0.525P(1)) +
(1.025N(3)R(4)) + 1)
ns
O6
td(CLK-D)
Delay time, OSPI0/1_CLK active edge to
OSPI0/1_D[7:0] transition
(–17.94 +
(0.975T(5)R(4)))
(–1.56 +
(1.025T(5)R(4)))
ns
(1)
P = CLK cycle time = SCLK period in ns
(2)
M = OSPI_DEV_DELAY_REG[D_INIT_FLD]
(3)
N = OSPI_DEV_DELAY_REG[D_AFTER_FLD]
(4)
R = refclk cycle time in ns
(5)
T = OSPI_RD_DATA_CAPTURE_REG[DDR_READ_DELAY_FLD]
OSPI_CLK
OSPI_TIMING_01
OSPI_CSn
O6
O3
O2
O1
O5
OSPI_D[i:0]
O6
O4
Figure 6-105. OSPI0/1 Switching Characteristics – Tap DDR, No Loopback
6.10.5.20 OLDI
6.10.5.20.1 OLDI Switching Characteristics
NO.
PARAMETER
MODE
MIN
MAX
UNIT
O1
LVDS Low-to-High Transition Time max
IOSET1
0.18
0.5
ns
O2
LVDS high-to-low Transition Time max
IOSET1
0.18
0.5
ns
O3
Transmitter Output Bit Width min
IOSET1
1
1
UI
O4
Transmitter Pulse Positions – Normalized
IOSET1
0.25
0.75
ns
O5
Variation in transmitter pulse position across Bit 7:0 pulse positions
IOSET1
-0.06
0.06
ns
O6
TxOut Channel to Channel Skew
IOSET1
110
ns
O7
Transmitter Jitter Cycle-to-Cycle
IOSET1
0.028
0.035
ns
O8
Input Total Jitter Tolerance (Includes data to clock skew, pulse position
variation.)
IOSET1
0.25
ns
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
269
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com