Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 270 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 270 Page - Texas Instruments

Back Button AM69 Datasheet HTML 266Page - Texas Instruments AM69 Datasheet HTML 267Page - Texas Instruments AM69 Datasheet HTML 268Page - Texas Instruments AM69 Datasheet HTML 269Page - Texas Instruments AM69 Datasheet HTML 270Page - Texas Instruments AM69 Datasheet HTML 271Page - Texas Instruments AM69 Datasheet HTML 272Page - Texas Instruments AM69 Datasheet HTML 273Page - Texas Instruments AM69 Datasheet HTML 274Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 312 page
background image
bit 1
bit 0
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
T
OLDI_CLK
OLDI_DATA[3:0]
t
TPP1
t
TPP2
t
TPP3
t
TPP4
t
TPP5
t
TPP6
t
TPP7
1UI
2UI
3UI
4UI
5UI
6UI
7UI
Δt
TPP
Figure 6-106. OLDI Transmitter Pulse Positions
DATA_TOL
V
TH
V
TL
0 V
Ideal Data
Bit End
DATA_TOL
Ideal Data
Bit Beginning
Sampling
Window
Ideal Center Position (t /2)
BIT
t (1UI)
BIT
OLDI_DATA[3:0]
Left
Right
Figure 6-107. OLDI Data Output Jitter
0 V
+VOD
-VOD
VSS=2 VOD
|
|
80%
80%
20%
20%
LLHT
LLHT
OLDI_CLK
Figure 6-108. LVDS Output Transition Times
For more information, see Display Subsystem (DSS) and Peripherals section in Peripherals chapter in the device
TRM.
6.10.5.21 PCIE
The PCI-Express Subsystem is compliant with the PCIe® Base Specification, Revision 4.0. Refer to the
specification for timing details.
For more details about features and additional description information on the device Peripheral Component
Interconnect Express, see the corresponding sections within Signal Descriptions and Detailed Description.
For more information, see Peripheral Component Interconnect Express (PCIe) Subsystem section in Peripherals
chapter in the device TRM.
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
270
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com