Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 271 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 271 Page - Texas Instruments

Back Button AM69 Datasheet HTML 267Page - Texas Instruments AM69 Datasheet HTML 268Page - Texas Instruments AM69 Datasheet HTML 269Page - Texas Instruments AM69 Datasheet HTML 270Page - Texas Instruments AM69 Datasheet HTML 271Page - Texas Instruments AM69 Datasheet HTML 272Page - Texas Instruments AM69 Datasheet HTML 273Page - Texas Instruments AM69 Datasheet HTML 274Page - Texas Instruments AM69 Datasheet HTML 275Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 312 page
background image
6.10.5.22 Timers
For more details about features and additional description information on the device Timers, see the
corresponding sections within Signal Descriptions and Detailed Description.
Table 6-90 represents Timers timing conditions.
Table 6-90. Timers Timing Conditions
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
CAPTURE
0.5
5
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
PWM
2
10
pF
Section 6.10.5.22.1, Section 6.10.5.22.2 and Figure 6-109 present timings and switching characteristics of the
Timers.
6.10.5.22.1 Timing Requirements for Timers
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
T1
tw(TINPH)
Pulse duration, high
CAPTURE
2.5 +
4P
(1)
ns
T2
tw(TINPL)
Pulse duration, low
CAPTURE
2.5 +
4P
(1)
ns
(1)
P = functional clock period in ns.
6.10.5.22.2 Switching Characteristics for Timers
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
T3
tw(TOUTH)
Pulse duration, high
PWM
-2.5 +
4P
(1)
ns
T4
tw(TOUTL)
Pulse duration, low
PWM
-2.5 +
4P
(1)
ns
(1)
P = functional clock period in ns.
T1
T2
TIMER_IOx (inputs)
TIMER_01
T3
T4
TIMER_IOx (outputs)
Figure 6-109. Timer Timing
For more information, see Timers section in Peripherals chapter in the device TRM.
6.10.5.23 UART
For more details about features and additional description information on the device Universal Asynchronous
Receiver Transmitter, see the corresponding sections within , Signal Descriptions and Detailed Description.
Table 6-91 represents UART timing conditions.
Table 6-91. UART Timing Conditions
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
INPUT CONDITIONS
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
271
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com