Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 275 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 275 Page - Texas Instruments

Back Button AM69 Datasheet HTML 271Page - Texas Instruments AM69 Datasheet HTML 272Page - Texas Instruments AM69 Datasheet HTML 273Page - Texas Instruments AM69 Datasheet HTML 274Page - Texas Instruments AM69 Datasheet HTML 275Page - Texas Instruments AM69 Datasheet HTML 276Page - Texas Instruments AM69 Datasheet HTML 277Page - Texas Instruments AM69 Datasheet HTML 278Page - Texas Instruments AM69 Datasheet HTML 279Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 312 page
background image
6.10.6.2.1.2 JTAG Switching Characteristics
See Figure 6-112
NO.
PARAMETER
MIN
MAX
UNIT
J6
td(TCKL-TDOI)
Delay time minimum, TCK low to TDO invalid
0
ns
J7
td(TCKL-TDOV)
Delay time maximum, TCK low to TDO valid
12
ns
1. The JTAG signals are split across two IO power domains on the device. Timings parameters defined in
this table only apply when the two IO power domains are operating at the same voltage. Values for these
timing parameters are not defined when operating the two IO power domains at different voltages since
propagation delay through the device IO buffers differ when some are operating at 1.8V while others are
operating at 3.3V. This effectively reduces timing margin beyond the values defined in this table. The JTAG
interface is still expected to function when the two IO power domains are operated at different voltages,
assuming the system designer has implemented appropriate level shifters and the operating frequency is
reduced to accommodate additional delay inserted by the level-shifters and IO buffers operating at different
voltages.
TDO
J2
J1
J4
TCK
J5
TDI / TMS
J3
J6
J7
J4
J5
Figure 6-112. JTAG Timing Requirements and Switching Characteristics
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
275
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com