Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 277 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 277 Page - Texas Instruments

Back Button AM69 Datasheet HTML 273Page - Texas Instruments AM69 Datasheet HTML 274Page - Texas Instruments AM69 Datasheet HTML 275Page - Texas Instruments AM69 Datasheet HTML 276Page - Texas Instruments AM69 Datasheet HTML 277Page - Texas Instruments AM69 Datasheet HTML 278Page - Texas Instruments AM69 Datasheet HTML 279Page - Texas Instruments AM69 Datasheet HTML 280Page - Texas Instruments AM69 Datasheet HTML 281Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 312 page
background image
Arm®
Cortex®-A72
Arm®
Cortex®-A72
2MB Shared L2 Cache with ECC
Application Cores
64KB TCM
64KB TCM
General Compute (MAIN Domain)
Device Management (MCU Domain)
512KB SRAM with ECC
Arm®
Cortex®-R5F
Arm®
Cortex®-R5F
Arm®
Cortex®-R5F
Arm®
Cortex®-R5F
1MB SRAM with ECC
MCU Channels with FFI
8x SPI
GPIO
11x UART
3x ePWM
18x CAN-FD
3x eCAP
8x I2C
3x eQEP
1x OSPI
1x QSPI
5x McASP
General Connectivity (MAIN)
Multimedia
System Memory
8MB MSMC
SRAM with ECC
GPMC
4x 32-b LPDDR4
with Inline ECC
2x MMCSD
1-port Gb Ethernet w/ 1588
GPIO
2x I2C
3x SPI
General Connectivity (MCU Domain)
Security
Device/Power
Manager
System Services
NAVSS/DMA
Debug
Firewall
IPC
ECC
Timers
Secure Boot
System Monitor
DCC
ESM
1x UART
2x CAN-FD
2x ADC
HSM
(Secure Boot)
SHA
MD5
PKA
AES
DRBG
TRNG
SMS
1x USB3.0/2.0
2MB Shared L2 Cache with ECC
Application Cores
4x C7x DSP + 4x MMAv2
1MB Shared L2 Cache with ECC
Deep Learning Accelerator (32 TOPS)
1-port Gb (RGMII) Ethernet w/ 1588
PCIe Gen 3 (2x 4 Lane or 4x 2 Lane)
Up to 8-port Serial Ethernet w/ 1588
Arm®
Cortex®-A72
Arm®
Cortex®-A72
Arm®
Cortex®-A72
Arm®
Cortex®-A72
Arm®
Cortex®-A72
Arm®
Cortex®-A72
AM69Ax
Display SS
eDP + 2x DSI + 1x DPI
2x H.264/H.265
Video Codec
DMPAC
3D GPU
(BXS 4-64)
2x VPAC
2x CSI2 TX
3x CSI2 RX
Figure 7-1. Functional Block Diagram
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
277
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com