Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 276 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 276 Page - Texas Instruments

Back Button AM69 Datasheet HTML 272Page - Texas Instruments AM69 Datasheet HTML 273Page - Texas Instruments AM69 Datasheet HTML 274Page - Texas Instruments AM69 Datasheet HTML 275Page - Texas Instruments AM69 Datasheet HTML 276Page - Texas Instruments AM69 Datasheet HTML 277Page - Texas Instruments AM69 Datasheet HTML 278Page - Texas Instruments AM69 Datasheet HTML 279Page - Texas Instruments AM69 Datasheet HTML 280Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 312 page
background image
7 Detailed Description
7.1 Overview
The AM69, AM69A processor family is based on the evolutionary Jacinto 7 architecture, targeted at ADAS and
Autonomous Vehicle (AV) applications and built on extensive market knowledge accumulated over a decade of
TI’s leadership in the ADAS processor market. The AM69, AM69A provides high performance compute for both
traditional and deep learning algorithms at industry leading power/performance ratios with a high level of system
integration to enable scalability and lower costs for advanced automotive platforms supporting multiple sensor
modalities in centralized ECUs or stand-alone sensors. Key cores include next generation DSP with scalar and
vector cores, dedicated deep learning and traditional algorithm accelerators, latest Arm and GPU processors
for general compute, an integrated next generation imaging subsystem (ISP), video codec, Ethernet hub and
isolated MCU island. All protected by automotive grade safety and security hardware accelerators.
Note
For more information on features, subsystems, and architecture of superset device System on Chip
(SoC), see the device TRM.
7.2 Functional Block Diagram
Figure 7-1 is functional block diagram for the device.
Note
To understand what device features are currently supported by TI Software Development Kits (SDKs),
see the AM69 Software Build Sheet (PROCESSOR-SDK-AM69) and AM69A Software Build Sheet
(PROCESSOR-SDK-AM69A).
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
276
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com