Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 272 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 272 Page - Texas Instruments

Back Button AM69 Datasheet HTML 268Page - Texas Instruments AM69 Datasheet HTML 269Page - Texas Instruments AM69 Datasheet HTML 270Page - Texas Instruments AM69 Datasheet HTML 271Page - Texas Instruments AM69 Datasheet HTML 272Page - Texas Instruments AM69 Datasheet HTML 273Page - Texas Instruments AM69 Datasheet HTML 274Page - Texas Instruments AM69 Datasheet HTML 275Page - Texas Instruments AM69 Datasheet HTML 276Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 312 page
background image
Table 6-91. UART Timing Conditions (continued)
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
SRI
Input slew rate
0.5
5
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
1
30(1)
pF
(1)
This value represents an absolute maximum load capacitance. As the UART baud rate increases, it may be necessary to reduce the
load capacitance to a value less than this maximum limit to provide enough timing margin for the attached device. The output rise/fall
times increase as capacitive load increases, which decreases the time data is valid for the receiver of the attached devices. Therefore,
it is important to understand the minimum data valid time required by the attached device at the operating baud rate. Then use the
device IBIS models to verify the actual load capacitance on the UART signals does not increase the rise/fall times beyond the point
where the minimum data valid time of the attached device is violated.
Section 6.10.5.23.1, Section 6.10.5.23.2, and Figure 6-110 present timing requirements and switching
characteristics for UART interface.
6.10.5.23.1 Timing Requirements for UART
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
4
tw(rxd)
Pulse width, receive data bit, high or low
0.95U(1)
(2)
1.05U(1)
(2)
ns
5
tw(rxdS)
Pulse width, receive start bit, low
0.95U(1)
(2)
ns
(1)
U = UART baud time = 1/Programmed baud rate
(2)
This value defines the data valid time, where the input voltage is required to be above VIH or below VIL.
6.10.5.23.2 UART Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
f(baud)
Maximum programmable baud rate
12
Mbps
2
tw(TX)
Pulse width, transmit data bit, high or low
U - 2(1)
U + 2(1)
ns
3
tw(RTS)
Pulse width, transmit start bit, high or low
U - 2(1)
ns
(1)
U = UART baud time = 1/Programmed baud rate
UARTi_TXD
4
Start
Bit
Data Bits
3
UARTi_RXD
2
Data Bits
Bit
Start
1
V
IH
V
IL
UART_TIMING_01_RCVRVIHVIL
Figure 6-110. UART Timing
For more information, see Universal Asynchronous Receiver/Transmitter (UART) section in Peripherals chapter
in the device TRM.
6.10.5.24 USB
The USB 2.0 subsystem is compliant with the Universal Serial Bus (USB) Specification, revision 2.0. Refer to the
specification for timing details.
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
272
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com