Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 282 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 282 Page - Texas Instruments

Back Button AM69 Datasheet HTML 278Page - Texas Instruments AM69 Datasheet HTML 279Page - Texas Instruments AM69 Datasheet HTML 280Page - Texas Instruments AM69 Datasheet HTML 281Page - Texas Instruments AM69 Datasheet HTML 282Page - Texas Instruments AM69 Datasheet HTML 283Page - Texas Instruments AM69 Datasheet HTML 284Page - Texas Instruments AM69 Datasheet HTML 285Page - Texas Instruments AM69 Datasheet HTML 286Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 312 page
background image
7.5.5.5 CPSW9G
The 9-port Gigabit Ethernet Switch (CPSW0) subsystem provides Ethernet packet communication for the device
and can be configured as an Ethernet switch. CPSW0 features the Serial Gigabit Media Independent Interface
(SGMII), Reduced Gigabit Media Independent Interface (RGMII), Reduced Media Independent Interface (RMII)
and the Management Data Input/Output (MDIO) interface for physical layer device (PHY) management.
For more information, see Gigabit Ethernet Switch (MCU_CPSW0) section in Peripherals chapter in the device
TRM.
7.5.5.6 DCC
The Dual Clock Comparator (DCC) is used to determine the accuracy of a clock signal during the time
execution of an application. Specifically, the DCC is designed to detect drifts from the expected clock frequency.
The desired accuracy can be programed based on calculation for each application. The DCC measures the
frequency of a selectable clock source using another input clock as a reference.
For more information, see Dual Clock Comparator (DCC) section in Peripherals chapter in the device TRM.
7.5.5.7 DDRSS
The DDR subsystem in this device comprises DDR controller, DDR PHY and wrapper logic to integrate these
blocks in the device. The DDR subsystem is referred to as DDRSS0 and is used to provide an interface to
external SDRAM devices which can be utilized for storing program or data. DDRSS0 is accessed via MSMC,
and not directly through the system interconnect.
For more information, see DDR Subsystem (DDRSS) section in Peripherals chapter in the device TRM.
7.5.5.8 DSS
The DSS is a flexible composition-enabled display subsystem, that supports multiple high resolution display
outputs. It consists of one Display Controller (DISPC) and one Frame Buffer Decompression Core (FBDC).
The DISPC supports a multi-layer blending and transparency for each of its display outputs. The DISPC also
supports a write-back pipeline with scaling to enable memory-to-memory composition and/or to capture a display
output for Ethernet video encoding.
For more information, see Display Subsystem (DSS) section in Peripherals chapter in the device TRM.
7.5.5.8.1 DSI
The MIPI DSI v1.3.1 Controller (DSITX) implements the stream arbitration and low-level protocol layer
functionalities required by MIPI DSI 1.3 standard. It supports up to 4 x 2.5 Gbps D-PHY data lanes in a single-
link configuration and handles the byte lane mapping per use case (1, 2, 3, or 4-lanes). The accompaning DSI
(Physical Layer) D-PHY module (DPHYTX) provides the video output interfacing by implementing a four-lane
MIPI D-PHY transmitter.
For more information, see Display Subsystem (DSS) and Display Peripherals section in Peripherals chapter in
the device TRM.
7.5.5.8.2 eDP
The VESA DP1.4/eDP1.4 Compliant Transmitter Host Controller (EDP) can output up to 4 video streams
(through Multiple Stream Transport / MST) and one audio stream through the 4-lane accompaning SerDes
module. It provides up to 25.92 Gbps of application bandwidth. An additional eDP (Physical Layer) auxiliary PHY
(AUXPHY) module implements a doubly-terminated differential pair required for 1 Mbps data rates over a long
(15m) cable.
For more information, see Display Subsystem (DSS) and Display Peripherals section in Peripherals chapter in
the device TRM.
7.5.5.9 eCAP
The enhanced Capture (ECAP) module can be used for:
• Sample rate measurements of audio inputs
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
282
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com