Electronic Components Datasheet Search
  English  ▼

X  

PTIOL221RGER Datasheet(PDF) 3 Page - Texas Instruments

Part # PTIOL221RGER
Description  TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL221RGER Datasheet(HTML) 3 Page - Texas Instruments

  PTIOL221RGER Datasheet HTML 1Page - Texas Instruments PTIOL221RGER Datasheet HTML 2Page - Texas Instruments PTIOL221RGER Datasheet HTML 3Page - Texas Instruments PTIOL221RGER Datasheet HTML 4Page - Texas Instruments PTIOL221RGER Datasheet HTML 5Page - Texas Instruments PTIOL221RGER Datasheet HTML 6Page - Texas Instruments PTIOL221RGER Datasheet HTML 7Page - Texas Instruments PTIOL221RGER Datasheet HTML 8Page - Texas Instruments PTIOL221RGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
4 Pin Configuration and Functions
1
CS/PP
18
WU
2
RX1
17
TX2
3
EN1
16
VSEL
4
TX1
15
RX2
5
V5IN
14
RESET
6
ILIM_ADJ1
13
VOUT
Not to scale
Thermal
Pad
Figure 4-1. RGE (VQFN), 24-Pin
(Top View)
1
2
3
4
5
A
B
C
D
E
Not to scale
CQ
LP
LM
DO
DI
RESET
ILIM_ADJ1
ILIM_ADJ2
VOUT
V5IN
TX1
EN1
NC
VSEL
RX2
RX1
SPI/PIN
SDO/NFLT2
WU
TX2
CS/PP
SDI/NPN
SCK
INT/NFLT1
EN2
Figure 4-2. YAH (DSBGA), 25-Pin
(Top View, Bumps Down)
Table 4-1. Pin Functions
PIN NAME
PIN NUMBER
I/O
TYPE
DESCRIPTION
VQFN
DSBGA
CQ
8
A1
I/O
High Voltage IO-link signal data pin.
CS/PP
1
E1
I
Digital
Chip select input pin in the SPI-mode.
Push-pull mode selection input in pin-mode
DI
12
A5
I
High Voltage DI receiver Input. DI receiver output can be monitored at the RX2 pin.
DO
11
A4
O
High Voltage DO driver output. DO is the inverse logic level of the input at the TX2 pin.
EN1
3
C2
I
Low voltage
Digital
CQ driver enable input signal from the local controller. Logic low sets the CQ
output at Hi-Z. Weak internal pull-down.
EN2
19
E5
I
Low voltage
Digital
DO driver enable input signal from the local controller. Logic low sets the DO
output at Hi-Z. Weak internal pull-down.
ILIM_ADJ1
6
B2
I
Low voltage
Analog
Input for the current limit adjustment for the CQ driver. Connect resistor RSET1
between ILIM_ADJ1 and LM.
ILIM_ADJ2
7
B3
I
Low voltage
Analog
Input for the current limit adjustment for the DO driver. Connect resistor RSET2
between ILIM_ADJ2 and LM.
INT/NFLT1
20
E4
O
Low voltage
Digital
Interrupt output, push-pull (SPI-mode) or fault indicator for CQ channel, open-
drain (pin-mode)
LM
10
A3
G
Ground
Ground.
LP
9
A2
PI
High Voltage Power supply input (24V typical) to the device. Connect 1µF capacitor to LM
(ground) as close to the device as possible.
NC
--
C3
NC
No Connect
Not connected internally.
RX1
2
D1
O
Low voltage
Digital
C/Q Receiver Logic Output. RX2 is the inverse logic level of the signal on the
CQ input.
RX2
15
C5
O
Low voltage
Digital
DI Receiver Logic Output. RX2 is the inverse logic level of the signal on the DI
input.
SCK
22
E3
I
Low voltage
Digital
SPI clock input
SDI/NPN
24
E2
I
Low voltage
Digital
SPI serial data input (SPI-mode)
Or NPN mode selector (pin-mode)
SDO/NFLT2
21
D3
O
Low voltage
Digital
SPI serial data output, push-pull (SPI-mode) or fault inductor for DO channel,
open-drain (pin-mode)
www.ti.com
TIOL221
SLLSFS6A – SEPTEMBER 2024 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TIOL221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com