Electronic Components Datasheet Search
  English  ▼

X  

PTIOL221RGER Datasheet(PDF) 11 Page - Texas Instruments

Part # PTIOL221RGER
Description  TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL221RGER Datasheet(HTML) 11 Page - Texas Instruments

Back Button PTIOL221RGER Datasheet HTML 7Page - Texas Instruments PTIOL221RGER Datasheet HTML 8Page - Texas Instruments PTIOL221RGER Datasheet HTML 9Page - Texas Instruments PTIOL221RGER Datasheet HTML 10Page - Texas Instruments PTIOL221RGER Datasheet HTML 11Page - Texas Instruments PTIOL221RGER Datasheet HTML 12Page - Texas Instruments PTIOL221RGER Datasheet HTML 13Page - Texas Instruments PTIOL221RGER Datasheet HTML 14Page - Texas Instruments PTIOL221RGER Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
5.7 Switching Characteristics (continued)
Over recommended operating conditions and recommended free-air temperature range (unless otherwise noted). Typical
values are at LP = 24 V, VVOUT = 3.3 V and TA = 25 ℃ unless otherwise specified.
PARAMETER
TEST CONDITIONS
TEST
CONDITI
ONS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fSCK_BURS
T
Maximum SPI clock
frequency
Burst mode
10
MHz
tSCK
SCK period
100
ns
tSCKH
SCK pulse-width high
50
ns
tSCKL
SCK pulse-width low
50
ns
fSCK
Maximum SPI clock
frequency
Non-burst mode
12.5
MHz
tSCK
SCK period
80
ns
tSCKH
SCK pulse-width high
40
ns
tSCKL
SCK pulse-width low
40
ns
tCSS
CS falling edge to SCK rise
time
20
ns
tCSH
SCK rise to CS rise hold
time
40
ns
tDH
SDI hold time
10
ns
tDS
SDI setup time
25
ns
tDO
SDO data propagation
delay
COUT= 10 pF
20
ns
tDORF
SDO rise and fall time
COUT= 10 pF
20
ns
tCSPW
Minimum CS pulse width
(idle time between SPI
transactions)
10
ns
(1)
CQ/DO output remains Hi-Z for this time
www.ti.com
TIOL221
SLLSFS6A – SEPTEMBER 2024 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TIOL221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com