Electronic Components Datasheet Search
  English  ▼

X  

PTIOL221RGER Datasheet(PDF) 33 Page - Texas Instruments

Part # PTIOL221RGER
Description  TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL221RGER Datasheet(HTML) 33 Page - Texas Instruments

Back Button PTIOL221RGER Datasheet HTML 29Page - Texas Instruments PTIOL221RGER Datasheet HTML 30Page - Texas Instruments PTIOL221RGER Datasheet HTML 31Page - Texas Instruments PTIOL221RGER Datasheet HTML 32Page - Texas Instruments PTIOL221RGER Datasheet HTML 33Page - Texas Instruments PTIOL221RGER Datasheet HTML 34Page - Texas Instruments PTIOL221RGER Datasheet HTML 35Page - Texas Instruments PTIOL221RGER Datasheet HTML 36Page - Texas Instruments PTIOL221RGER Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
8.2.3 Application Curves
LP ramping from below the
UVLO threshold to above the
UVLO threshold
TA =25°C
Figure 8-5. CQ Power Up Delay, t(UVLO)(Pin mode or
the default 00b setting in SPI mode)
tSC = 5ms
tAR= 200ms
IO(LIM) = 35mA
(min)
Figure 8-6. CQ in Current Fault Auto Recovery
L = 1.5H, ILOAD = 100mA
LP = 36V
TA - 25°C
Figure 8-7. Inductive Load Demagnetization (PNP mode)
8.3 Power Supply Recommendations
The TIOL221 transceiver is designed to operate from a 24V nominal supply at LP, which can vary by +12V and
-17V from the nominal value to remain within the device recommended supply voltage range of 7V to 36V. This
supply should be buffered with at least a 100nF/100V capacitor.
8.4 Layout
8.4.1 Layout Guidelines
• Use of a 4-layer board is recommended for good heat conduction. Use layer 1 (top layer) for control signals,
layer 2 as power ground layer for LM, layer 3 for the 24V supply plane (LP), and layer 4 for the regulated
output supply (VOUT).
• Connect the thermal pad to LM with maximum amount of thermal vias for best thermal performance.
• Use entire planes for LP, VOUT and LM for minimum inductance.
www.ti.com
TIOL221
SLLSFS6A – SEPTEMBER 2024 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TIOL221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com