Electronic Components Datasheet Search
  English  ▼

X  

PTIOL221RGER Datasheet(PDF) 12 Page - Texas Instruments

Part # PTIOL221RGER
Description  TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL221RGER Datasheet(HTML) 12 Page - Texas Instruments

Back Button PTIOL221RGER Datasheet HTML 8Page - Texas Instruments PTIOL221RGER Datasheet HTML 9Page - Texas Instruments PTIOL221RGER Datasheet HTML 10Page - Texas Instruments PTIOL221RGER Datasheet HTML 11Page - Texas Instruments PTIOL221RGER Datasheet HTML 12Page - Texas Instruments PTIOL221RGER Datasheet HTML 13Page - Texas Instruments PTIOL221RGER Datasheet HTML 14Page - Texas Instruments PTIOL221RGER Datasheet HTML 15Page - Texas Instruments PTIOL221RGER Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
5.8 Typical Characteristics
LP (V)
6
9
12
15
18
21
24
27
30
33
36
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4
4.1
4.2
4.3
VOUT=3.3V (VSEL=GND)
VOUT= 5V (VSEL=VOUT)
V5IN supplied externally (VSEL=FLOAT)
CQ, DO enabled but no load, push-pull mode
RSETx = 10kΩ
TA = 25°C
Figure 5-1. Supply Current vs Supply Voltage (TX1=TX2=GND)
LP (V)
6
9
12
15
18
21
24
27
30
33
36
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5
5.1
VOUT=3.3V (VSEL=GND)
VOUT=5V (VSEL=VOUT)
V5IN supplied externally (VSEL=FLOAT)
CQ, DO enabled but no load, push-pull mode
RSETx = 10kΩ
TA = 25°C
Figure 5-2. Supply Current vs Supply Voltage (TX1=TX2=VOUT)
Temperature (
C)
-75
-50
-25
0
25
50
75
100
125
150
1.5
1.75
2
2.25
2.5
2.75
3
3.25
3.5
3.75
4
Low-side
High-side
LP = 24V
Load = 200mA
RSETx = 10kΩ
Figure 5-3. CQ, DO RDSON vs. Temperature
RSET (in k)
0
10
20
30
40
50
60
70
80
90
100 110
0
100
200
300
400
500
600
700
800
900
LP = 24V
TA = 25°C
Figure 5-4. CQ, DO Current Limit vs RSETx 1
LP (V)
6
8 10 12 14 16 18 20 22 24 26 28 30 32 34 36
4
5
6
7
8
9
10
11
12
13
14
VTHL
VTHH
TA = 25°C
Figure 5-5. CQ, DI Receiver Threshold Boundaries
1 For RSET in the 0-5kΩ range, TIOL221 can source/sink 500mA required for wake-up pulse generation in IO-link applications. For RSET
in the 0-5kΩ range, TIOL221 also activates a pull-down current source (ILLM) when the driver is disabled.
TIOL221
SLLSFS6A – SEPTEMBER 2024 – REVISED DECEMBER 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TIOL221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com