Electronic Components Datasheet Search
  English  ▼

X  

PTIOL221RGER Datasheet(PDF) 10 Page - Texas Instruments

Part # PTIOL221RGER
Description  TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL221RGER Datasheet(HTML) 10 Page - Texas Instruments

Back Button PTIOL221RGER Datasheet HTML 6Page - Texas Instruments PTIOL221RGER Datasheet HTML 7Page - Texas Instruments PTIOL221RGER Datasheet HTML 8Page - Texas Instruments PTIOL221RGER Datasheet HTML 9Page - Texas Instruments PTIOL221RGER Datasheet HTML 10Page - Texas Instruments PTIOL221RGER Datasheet HTML 11Page - Texas Instruments PTIOL221RGER Datasheet HTML 12Page - Texas Instruments PTIOL221RGER Datasheet HTML 13Page - Texas Instruments PTIOL221RGER Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
5.7 Switching Characteristics (continued)
Over recommended operating conditions and recommended free-air temperature range (unless otherwise noted). Typical
values are at LP = 24 V, VVOUT = 3.3 V and TA = 25 ℃ unless otherwise specified.
PARAMETER
TEST CONDITIONS
TEST
CONDITI
ONS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|tr – tf|
Difference in rise and fall
time
See Test Circuit for Driver Output Measurements
and Driver Output Switching Waveforms
RL = 2 kΩ
CL = 5 nF
Push-pull configuration only
RSET = 10 kΩ
60
ns
tWU1
Wake-up recognition begin
See Wake-up recognition timing diagram
45
60
75
µs
tWU2
Wake-up recognition end
85
100
145
µs
tpWAKE
Wake-up output delay
150
µs
tWUL
Wake output pulse duration
on wake detection
175
225
285
µs
tSC
Current fault blanking time
See Wake-up recognition timing
diagram
(SPI/PIN = low and 10 kΩ <=
RSETx <= 110 kΩ) OR
SPI/PIN=high and
CQ_BL_TIME[1:0]=00b (CQ) OR
DO_BL_TIME[1:0]=00b (DO)
0.175
0.2
ms
SPI/PIN=high and
CQ_BL_TIME[1:0]=01b (CQ) OR
DO_BL_TIME[1:0]=01b (DO)
0.25
0.5
ms
SPI/PIN=high and
CQ_BL_TIME[1:0]=10b (CQ) OR
DO_BL_TIME[1:0]=10b (DO)
5
ms
(SPI/PIN = low and ILIM_ADJ
floating) OR
SPI/PIN=high and
CQ_BL_TIME[1:0]=11b (CQ) OR
DO_BL_TIME[1:0]=11b (DO)
0.5
2
4
µs
tAR
Auto retry time after current
fault
Auto retry time after current fault
SPI/PIN = L OR SPI/PIN=H and
CQ_RETRY_TIME=00b
50
ms
SPI/PIN=H and
CQ_RETRY_TIME=01b
100
ms
SPI/PIN=H and
CQ_RETRY_TIME=10b
200
ms
SPI/PIN=H and
CQ_RETRY_TIME=11b
500
ms
t(UVLO)
CQ and DO re-enable delay
after LP UVLO (1)
CQ and DO re-enable delay after
UVLO (1)
SPI/PIN = L OR SPI/PIN=H and
T_UVLO=1b0
0.05
0.25
0.5
ms
t(UVLO)
CQ and DO re-enable
delay after LP UVLO (1)
CQ and DO re-enable delay after
UVLO (1)
SPI/PIN = L OR SPI/PIN=H and
T_UVLO=1b1
10
30
50
ms
CQ, DI RECEIVER
tPLH_CQ,
tPHL_CQ
CQ Receiver propagation
delay
See Receiver Test Circuit
Diagram and Receiver Timing
Diagram CL=15 pF
SPI/PIN=L OR SPI/PIN=H and
CQ_RX_FILTER=1b0
0.2
0.36
µs
SPI/PIN=H and
CQ_RX_FILTER=1b1
1.15
1.6
µs
tPLH_DI,
tPHL_DI
DI Receiver propagation
delay
SPI/PIN=L OR SPI/PIN=H and
DI_RX_FILTER=1b0
1
1.5
µs
SPI/PIN=H and
DI_RX_FILTER=1b1
1.8
2.7
µs
SPI Timing (CS, SCK, SDI, SDO/CUR_OK2)
tINT_TOG
INT pin High/low time (when
toggling)
COUT= 10 pF
100
µs
TIOL221
SLLSFS6A – SEPTEMBER 2024 – REVISED DECEMBER 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TIOL221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com