Electronic Components Datasheet Search
  English  ▼

X  

PTIOL221RGER Datasheet(PDF) 4 Page - Texas Instruments

Part # PTIOL221RGER
Description  TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL221RGER Datasheet(HTML) 4 Page - Texas Instruments

  PTIOL221RGER Datasheet HTML 1Page - Texas Instruments PTIOL221RGER Datasheet HTML 2Page - Texas Instruments PTIOL221RGER Datasheet HTML 3Page - Texas Instruments PTIOL221RGER Datasheet HTML 4Page - Texas Instruments PTIOL221RGER Datasheet HTML 5Page - Texas Instruments PTIOL221RGER Datasheet HTML 6Page - Texas Instruments PTIOL221RGER Datasheet HTML 7Page - Texas Instruments PTIOL221RGER Datasheet HTML 8Page - Texas Instruments PTIOL221RGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
Table 4-1. Pin Functions (continued)
PIN NAME
PIN NUMBER
I/O
TYPE
DESCRIPTION
VQFN
DSBGA
SPI/PIN
23
D2
I
Low voltage
Digital
SPI or pin-mode selection input. Drive this pin low for pin-mode operation.
Drive this pin high for SPI-mode control.
TX1
4
C1
I
Low voltage
Digital
CQ driver input data from local microcontroller. Weak internal pull-up.
TX2
17
D5
I
Low voltage
Digital
DO driver input data from local microcontroller. Weak internal pull-up.
VOUT
13
B4
PO
Low voltage
LDO regulator output. Output level determined by VSEL pin
VSEL
16
C4
I
Low voltage
•
Connect to GND for 3.3V LDO output with LP as the LDO input supply
•
Connect to VOUT for 5V LDO output with LP as the LDO input supply
•
Leave the pin floating for 3.3V LDO output with V5IN as the LDO input
supply
RESET
14
B1
O
Low voltage
Reset output pin, open-drain, active low. The pin behaves as a reset pin to
indicate UV on LP or VOUT.
V5IN
5
B5
PI
Low voltage
(Optional) Connect this pin 5V supply input from external regulator to reduce
the power dissipation from the internal regulator. Leave the pin floating if
unused.
WU
18
D4
O
Low voltage
Digital
Wake-up indicator to the local microcontroller. Open-drain output, connect this
pin via pull-up resistor to VOUT.
Thermal Pad
Thermal Pad
N/A
G
Ground
Connect the exposed thermal pad to ground (LM) for optimal thermal and
electrical performance
TIOL221
SLLSFS6A – SEPTEMBER 2024 – REVISED DECEMBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TIOL221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com