Electronic Components Datasheet Search
  English  ▼

X  

PTIOL221RGER Datasheet(PDF) 31 Page - Texas Instruments

Part # PTIOL221RGER
Description  TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL221RGER Datasheet(HTML) 31 Page - Texas Instruments

Back Button PTIOL221RGER Datasheet HTML 27Page - Texas Instruments PTIOL221RGER Datasheet HTML 28Page - Texas Instruments PTIOL221RGER Datasheet HTML 29Page - Texas Instruments PTIOL221RGER Datasheet HTML 30Page - Texas Instruments PTIOL221RGER Datasheet HTML 31Page - Texas Instruments PTIOL221RGER Datasheet HTML 32Page - Texas Instruments PTIOL221RGER Datasheet HTML 33Page - Texas Instruments PTIOL221RGER Datasheet HTML 34Page - Texas Instruments PTIOL221RGER Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
TIOL221
ILIM_ADJ1
EN1
TX1
VOUT
CQ
LM
WU
RX1
ILIM_ADJ2
EN2
TX2
DO
RX2
DI
SCK
SDI/NPN
INT/NFLT1
LP
SPI/PIN
CS /PP
Buck
Regulator
GND
5V
4
1
3
2
CQ
L-
DO
L+
V5IN
SDO/NFLT2
Microcontroller
VCC
3.3 V
GND
GND
GND
RESET
R
VOUT
R
VOUT
GND
R
VOUT
R
VOUT
RSET1
GND
RSET2
Figure 8-2. TIOL221 Application Schematic (Pin Mode)
8.2.1 Design Requirements
TIOL221 IO-Link transceiver can be used to communicate using the IO-Link protocol, or as standard digital
outputs to either sense or drive a wide range of sensors and loads. Table 8-1 shows recommended components
for a typical system design.
Table 8-1. Design Parameters
PARAMETERS
Design Requirement
TIOL221 Specification
Input voltage range (LP)
24V (typ), 30V (max)
7V to 36V
Output current (CQ)
200mA
Choose 250mA limit (min) with RSET1 = 15kΩ
LDO Output voltage
5V
VOUT = 5V
By connecting VSEL=VOUT
LDO output current
5mA
I(VOUT): Up to 20mA
Pull-up resistors for NFLT1, NFLT2 and
WU
10kΩ
10kΩ
LP decoupling capacitor
0.1µF / 100V
0.1µF / 100V
VOUT output capacitor
1µF / 10V
1µF / 10V
Maximum Ambient Temperature, TA
105°C
TIOL221 can support up to TA of 125 °C if TJ < T(SDN)
www.ti.com
TIOL221
SLLSFS6A – SEPTEMBER 2024 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: TIOL221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com