Electronic Components Datasheet Search
  English  ▼

X  

PTIOL221RGER Datasheet(PDF) 8 Page - Texas Instruments

Part # PTIOL221RGER
Description  TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL221RGER Datasheet(HTML) 8 Page - Texas Instruments

Back Button PTIOL221RGER Datasheet HTML 4Page - Texas Instruments PTIOL221RGER Datasheet HTML 5Page - Texas Instruments PTIOL221RGER Datasheet HTML 6Page - Texas Instruments PTIOL221RGER Datasheet HTML 7Page - Texas Instruments PTIOL221RGER Datasheet HTML 8Page - Texas Instruments PTIOL221RGER Datasheet HTML 9Page - Texas Instruments PTIOL221RGER Datasheet HTML 10Page - Texas Instruments PTIOL221RGER Datasheet HTML 11Page - Texas Instruments PTIOL221RGER Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
5.6 Electrical Characteristics (continued)
Over recommended operating conditions and recommended free-air temperature range (unless otherwise noted). Typical
values are at LP = 24 V, VVOUT = 3.3 V and TA = 25 ℃ unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IPU-DI
DI weak pull-up current
SPI Mode, Weak pull-up enabled
on DI pin
0 ≤ V(DI) ≤ (V(LP)
- 2 V)
40
50
80
µA
IPD-DI
DI weak pull-down current
SPI Mode, Weak pull-down
enabled on DI pin
2 ≤ V(DI) ≤ V(LP)
40
50
80
µA
LOGIC-LEVEL INPUTS (CS/PP, SCK, SDI/NPN, SPI/PIN, EN1, EN2, TX1, TX2, VSEL)
VIL
Input logic low voltage
0.3*VOUT
V
VIH
Input logic high voltage
0.7*VOUT
V
RPD
Pull-down resistance at EN1,
EN2, SDI/NPN, SCK
100
kΩ
RPU
Pull-up resistance at TX1, TX2, ,
CS/PP, SPI/PIN
100
kΩ
RPU
Pull-up resistance at VSEL
500
kΩ
LOGIC-LEVEL OUTPUTS (WU, SDO/NFLT2, INT/NFLT1, RX1, RX2, RESET)
VOH
Output logic high voltage RX1,
RX2, SDO, INT
IO = 4 mA
IO = 4 mA
VOUT-0.5
V
VOL
Output logic low voltage
IO = 4 mA
0.4
V
IOZ
Output high impedance
leakage at NFLT1, NFLT2, WU,
RESET
Output in Hi-Z, VO = 0 V or VCC_IN/OUT
–1
1
µA
PROTECTION CIRCUITS
T(WRN)
Thermal warning
Die temperature TJ
125
°C
T(SDN)
Thermal shutdown
150
160
°C
T(HYS)
Thermal hysteresis for shutdown
14
°C
T(WRN)
Thermal hysteresis for warning
Die temperature TJ
Die temperature
TJ
14
°C
IREV
CQ, DO, DI Leakage current
in reverse polarity (Drivers
disabled)
EN1/2=LOW, TX1/2=x; LP= 24 V V(CQ/ DO/ DI) = (V(LP)
-36V) OR V(CQ/ DO/ DI) = (V(LP) +36V)
60
µA
EN1/2=LOW, TX1/2=x; LP= 24 V V(CQ/ DO/DI ) = (V(LP)
-65V) OR V(CQ/ DO/ DI) = 65V
110
µA
CQ, DO (Drivers enabled)
EN1/2 = HIGH, TX1/2 = LOW; V(CQ/DO to LP) = 3 V,
RSET >= 10 kΩ
650
µA
EN1/2 = HIGH, TX1/2 = HIGH; V(CQ/DO to LM) = -3 V
10
µA
(1)
Current fault indication and current fault auto recovery will be de-activated.
(2)
VTHH (min) = 5 V + (11/18) [V(LP) - 8 V]
(3)
VTHH (max) = 6.5 V + (13/18) [V(LP) - 8 V]
(4)
VTHL (min) = 4 V + (8/18) [V(LP) -8 V]
(5)
VTHL (max) = 6 V + (11/18) [V(LP) -8 V]
TIOL221
SLLSFS6A – SEPTEMBER 2024 – REVISED DECEMBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TIOL221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com