Electronic Components Datasheet Search
  English  ▼

X  

PTIOL221RGER Datasheet(PDF) 39 Page - Texas Instruments

Part # PTIOL221RGER
Description  TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL221RGER Datasheet(HTML) 39 Page - Texas Instruments

Back Button PTIOL221RGER Datasheet HTML 35Page - Texas Instruments PTIOL221RGER Datasheet HTML 36Page - Texas Instruments PTIOL221RGER Datasheet HTML 37Page - Texas Instruments PTIOL221RGER Datasheet HTML 38Page - Texas Instruments PTIOL221RGER Datasheet HTML 39Page - Texas Instruments PTIOL221RGER Datasheet HTML 40Page - Texas Instruments PTIOL221RGER Datasheet HTML 41Page - Texas Instruments PTIOL221RGER Datasheet HTML 42Page - Texas Instruments PTIOL221RGER Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
9.3 DEVICE_CONFIG Register (Address = 2h) [Reset = 00h]
DEVICE_CONFIG is shown in Figure 9-3 and described in Table 9-5.
Return to the Summary Table.
Device level configuration registers
Figure 9-3. DEVICE_CONFIG Register
7
6
5
4
3
2
1
0
SOFT_RESET
WU_DIS
DO_CQ_TRAC
K
IOLINK_5MA_P
D
DI_RX_FILTER CQ_RX_FILTE
R
T_UVLO
INT_TOG
R/W-0b
R/W-0b
R/W-0b
R/W-0b
R/W-0b
R/W-0b
R/W-0b
R/W-0b
Table 9-5. DEVICE_CONFIG Register Field Descriptions
Bit
Field
Type
Reset
Description
7
SOFT_RESET
R/W
0b
Resets all registers to their defaults.
Note: The status and interrupt bits may still be set depending upon
the corresponding fault status.
0b = No reset
1b = Resets the device configuration
6
WU_DIS
R/W
0b
0b = CQ can recognize wake-up pulse
1b = CQ ignores the wake-up pulse
5
DO_CQ_TRACK
R/W
0b
If the bit is set, DO and CQ drivers both track together as a function
of the TX input and CQ_CONFIG setting.
0b = DO and CQ drivers are independent
1b = DO and CQ drivers track as a function of the TX input
4
IOLINK_5MA_PD
R/W
0b
Enables 5mA pull-down current ILLM at both CQ and DO drivers
when the respective driver is disabled. Note: CQ_CUR_LIM and
DO_CUR_LIM limit needs to be set to 500mA to enable this
respectively at CQ and DO.
0b = 5mA (min) pull-down current disabled
1b = 5mA (min) pull-down current enabled when the respective
driver is disabled
3
DI_RX_FILTER
R/W
0b
Turns on or off the RX glitch filter on the DI line
0b = DI glitch filter disabled
1b = DI glitch filter enabled
2
CQ_RX_FILTER
R/W
0b
Turns on or off the RX glitch filter on the CQ line
0b = CQ RX glitch filter disabled
1b = CQ RX glitch filter enabled
1
T_UVLO
R/W
0b
CQ, DO re-enable delay, t(UVLO), after the recovery from LP UVLO
0b = 0.5 ms (typ)
1b = 30 ms (typ)
0
INT_TOG
R/W
0b
Enables interrupt pin toggling
0b = Interrupt pin set to active low
1b = Interrupt pin set to toggle with 200us period and 50% duty
cycle
www.ti.com
TIOL221
SLLSFS6A – SEPTEMBER 2024 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TIOL221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com