Electronic Components Datasheet Search
  English  ▼

X  

PTIOL221RGER Datasheet(PDF) 6 Page - Texas Instruments

Part # PTIOL221RGER
Description  TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL221RGER Datasheet(HTML) 6 Page - Texas Instruments

Back Button PTIOL221RGER Datasheet HTML 2Page - Texas Instruments PTIOL221RGER Datasheet HTML 3Page - Texas Instruments PTIOL221RGER Datasheet HTML 4Page - Texas Instruments PTIOL221RGER Datasheet HTML 5Page - Texas Instruments PTIOL221RGER Datasheet HTML 6Page - Texas Instruments PTIOL221RGER Datasheet HTML 7Page - Texas Instruments PTIOL221RGER Datasheet HTML 8Page - Texas Instruments PTIOL221RGER Datasheet HTML 9Page - Texas Instruments PTIOL221RGER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
5.5 Thermal Information
THERMAL METRIC(1)
TIOL221
UNIT
RGE (24 Pins)
YAH (25 Pins)
RθJA
Junction-to-ambient thermal resistance
32.2
58.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
27.2
0.2
°C/W
RθJB
Junction-to-board thermal resistance
11.4
14.5
°C/W
ψJT
Junction-to-top characterization parameter
0.3
0.1
°C/W
ψJB
Junction-to-board characterization parameter
11.4
14.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.7
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
5.6 Electrical Characteristics
Over recommended operating conditions and recommended free-air temperature range (unless otherwise noted). Typical
values are at LP = 24 V, VVOUT = 3.3 V and TA = 25 ℃ unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES (LP)
I(LP-SHDN)
Supply quiescent current in
shutdown mode
CQ TX and RX, DO and DI are disabled. No load on
VOUT. SPI mode only
1.2
2.1
mA
I(LP-RX-ONLY)
Supply current when only inputs
are enabled
CQ and DO are disabled. CQ RX
and DI are enabled. No load on
VOUT.
RSETx >= 10kΩ (current limit <
500mA) , EN1=EN2=L
CQ and DO
are disabled. CQ
RX and DI are
enabled. No load
on VOUT
1.4
2.5
mA
I(LP-CQ-DO)
Quiescent supply current when
both CQ and DO are enabled.
V5IN supplied externally
RSETx >= 10kΩ. TX1=TX2=H, No load on CQ or DO,
Push-pull or NPN mode only
4.5
5.5
mA
I(LP-CQ-DO)
RSETx >= 10kΩ. TX1=TX2=L, No load on CQ or DO
3.6
4.5
mA
V(LP-UVLO)
LP under voltage lockout
LP falling; UVLO indicated by RESET pin going low
6
6.3
V
V(LP-UVLO)
LP under voltage lockout
LP rising; UVLO recovery indicated on RESET pin
going high
6.5
6.8
V
V(LP-
UVLO,HYS)
LP under voltage hysteresis
Rising to falling threshold
150
250
mV
V(LPW)
LP undervoltage warning
LP falling
14
16
18
V
V(LPW-HYS)
LP undervoltage warning
hysteresis
530
mV
V5IN
V5IN(UVLO,
F)
Falling UVLO level for V5IN
V5IN Falling
3.4
3.5
3.6
V
V5IN(UVLO,
R)
Rising UVLO level for V5IN
V5IN Rising
3.7
3.8
4.0
V
V5IN(UVLO,
HYS)
V5IN UVLO hysteresis
0.3
V
I5_IN
Input supply current at 5VIN
CQ and DO disabled, No load on VOUT
0.15
1
mA
LINEAR REGULATOR (VOUT)
V(VOUT)
Voltage regulator output
VOUT set to 5 V
4.75
5
5.25
V
VOUT set to 3.3 V
3.13
3.3
3.46
V
LINEREGVO
UT
Line regulation (dV(VOUT)/dV(LP))
I(VCC_OUT) = 1 mA
V(LP) = 7 V to 36 V (VOUT = 5 V)
V(LP) = 7 V to 36 V OR V5IN = 4.5 to 5.5 V (VOUT =
3.3 V)
1.7
mV/V
LOADREGV
OUT
Load regulation (dV(VOUT)/V(OUT))
V(LP) = 24 V for VOUT=5V
V(LP) = 24 V or V5IN= 5V for VOUT=3.3 V
I(VCC_OUT) = 100 µA to 20 mA
1
%
UVVOUT5F
Falling UV threshold on VOUT
(5V setting)
VSEL connected to VOUT, VOUT falling
3.4
3.6
3.8
V
UVVOUT5R
Rising UV threshold on VOUT (5V
setting)
VSEL connected to VOUT, VOUT rising
3.6
3.8
4.0
V
TIOL221
SLLSFS6A – SEPTEMBER 2024 – REVISED DECEMBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TIOL221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com