Electronic Components Datasheet Search
  English  ▼

X  

PTIOL221RGER Datasheet(PDF) 36 Page - Texas Instruments

Part # PTIOL221RGER
Description  TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL221RGER Datasheet(HTML) 36 Page - Texas Instruments

Back Button PTIOL221RGER Datasheet HTML 32Page - Texas Instruments PTIOL221RGER Datasheet HTML 33Page - Texas Instruments PTIOL221RGER Datasheet HTML 34Page - Texas Instruments PTIOL221RGER Datasheet HTML 35Page - Texas Instruments PTIOL221RGER Datasheet HTML 36Page - Texas Instruments PTIOL221RGER Datasheet HTML 37Page - Texas Instruments PTIOL221RGER Datasheet HTML 38Page - Texas Instruments PTIOL221RGER Datasheet HTML 39Page - Texas Instruments PTIOL221RGER Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
9.1 INT Register (Address = 0h) [Reset = 00h]
INT is shown in Figure 9-1 and described in Table 9-3.
Return to the Summary Table.
Interrupt registers reflect current status of various fault conditions. Interrupt registers are not cleared
automatically after the fault clears. They are cleared on read if the fault condition does not exist
Figure 9-1. INT Register
7
6
5
4
3
2
1
0
TSD_INT
WU_INT
DO_FAULT_IN
T
CQ_FAULT_IN
T
LPW_INT
RESERVED
UV_V5_INT
TEMP_WARN
RC-0b
RC-0b
RC-0b
RC-0b
RC-0b
R-0b
RC-0b
RC-0b
Table 9-3. INT Register Field Descriptions
Bit
Field
Type
Reset
Description
7
TSD_INT
RC
0b
Thermal shutdown interrupt bit. This bit is not cleared automatically
when the fault is cleared. The bit is cleared on read if the fault does
not exist anymore
0b = The device is not in thermal shutdown
1b = The device has entered thermal shutdown
6
WU_INT
RC
0b
This bit is set when an IO-link wake-up condition is detected on CQ.
0b = No wake-up detected
1b = Wake-up detected
5
DO_FAULT_INT
RC
0b
This bit is set when DO driver fault occurs (overcurrent or thermal)
0b = No fault on DO driver
1b = DO driver fault has occurred
4
CQ_FAULT_INT
RC
0b
This bit is set when CQ driver fault occurs (overcurrent or thermal)
0b = No fault on CQ driver
1b = CQ driver fault has occurred
3
LPW_INT
RC
0b
This bit is set when LP goes below the warning threshold
0b = LP is above the warning threshold
1b = LP has fallen below the warning threshold
2
RESERVED
R
0b
Reserved
1
UV_V5_INT
RC
0b
Undervoltage on the V5IN supply input (valid only if VSEL pin is
floating and V5IN is the LDO input)
0b = No UV fault on V5IN
1b = UV fault on V5IN
0
TEMP_WARN
RC
0b
Thermal warning interrupt
0b = No thermal warning
1b = Thermal warning limit reached
TIOL221
SLLSFS6A – SEPTEMBER 2024 – REVISED DECEMBER 2024
www.ti.com
36
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TIOL221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com