Electronic Components Datasheet Search
  English  ▼

X  

PTIOL221RGER Datasheet(PDF) 44 Page - Texas Instruments

Part # PTIOL221RGER
Description  TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL221RGER Datasheet(HTML) 44 Page - Texas Instruments

Back Button PTIOL221RGER Datasheet HTML 40Page - Texas Instruments PTIOL221RGER Datasheet HTML 41Page - Texas Instruments PTIOL221RGER Datasheet HTML 42Page - Texas Instruments PTIOL221RGER Datasheet HTML 43Page - Texas Instruments PTIOL221RGER Datasheet HTML 44Page - Texas Instruments PTIOL221RGER Datasheet HTML 45Page - Texas Instruments PTIOL221RGER Datasheet HTML 46Page - Texas Instruments PTIOL221RGER Datasheet HTML 47Page - Texas Instruments PTIOL221RGER Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 58 page
background image
9.8 DEVICE_ID Register (Address = 7h) [Reset = 01h]
DEVICE_ID is shown in Figure 9-8 and described in Table 9-10.
Return to the Summary Table.
Figure 9-8. DEVICE_ID Register
7
6
5
4
3
2
1
0
RESERVED
Revision ID
R-0b
R-001b
Table 9-10. DEVICE_ID Register Field Descriptions
Bit
Field
Type
Reset
Description
7-3
RESERVED
R
0b
Reserved
2-0
Revision ID
R
001b
Indicates the device revision number
001b = 1st revision
TIOL221
SLLSFS6A – SEPTEMBER 2024 – REVISED DECEMBER 2024
www.ti.com
44
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TIOL221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com