Electronic Components Datasheet Search
  English  ▼

X  

PTIOL221RGER Datasheet(PDF) 24 Page - Texas Instruments

Part # PTIOL221RGER
Description  TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL221RGER Datasheet(HTML) 24 Page - Texas Instruments

Back Button PTIOL221RGER Datasheet HTML 20Page - Texas Instruments PTIOL221RGER Datasheet HTML 21Page - Texas Instruments PTIOL221RGER Datasheet HTML 22Page - Texas Instruments PTIOL221RGER Datasheet HTML 23Page - Texas Instruments PTIOL221RGER Datasheet HTML 24Page - Texas Instruments PTIOL221RGER Datasheet HTML 25Page - Texas Instruments PTIOL221RGER Datasheet HTML 26Page - Texas Instruments PTIOL221RGER Datasheet HTML 27Page - Texas Instruments PTIOL221RGER Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
7.3.9 Integrated Surge Protection and Transient Waveform Tolerance
The LP, CQ, DO and DI pins of the device are capable of withstanding up to 1.2kV of 1.2/50 – 8/20μs IEC
61000-4-5 surge with a source impedance of 500Ω. The surge testing should be performed with a minimum
100nF supply decoupling capacitor between LP and LM, and 1µF between VOUT and LM.
External TVS diodes may be required for higher transient protection levels. The system designer must make
sure the maximum clamping voltage of the external diodes is < 65V at the desired current level. The device is
capable of withstanding up to ±70V transient pulses < 100µs.
Decoupling
Network
R
EUT
L+
L-
CQ
> 100 nF
Combination
wave
Generator
1.2/50 – 8/20µs CWG
R = 500Ω
Figure 7-4. Surge Test Setup
7.3.10 Undervoltage Lock-Out (UVLO)
The device enters UVLO if either the LP voltage or the VOUT supply fall below their respective UVLO
thresholds. As soon as the supplies falls below UVLO thresholds, RESET is pulled low, and the drivers (CQ
and DO) are disabled (Hi-Z). Receiver performance is not specified in this mode.
When the supplies rise above their rising thresholds, RESET pin goes high. The driver outputs are turned on
after t(UVLO) delay.
TIOL221
SLLSFS6A – SEPTEMBER 2024 – REVISED DECEMBER 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TIOL221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com